Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WX4100 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # WX4100
Description  Professional Application Certifications, 10-bit Color Depth Support
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

WX4100 Datasheet(HTML) 1 Page - Advanced Micro Devices

  WX4100 Datasheet HTML 1Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Key Features:
Professional Application Certifications
10-bit Color Depth Support
EDID Emulation Support
AMD DirectGMA Support
Display Output Post Processing (DOPP)
For more information visit:
WWW.AMD.COM/
WX4100
1. As of June 2017. Product is based on the DisplayPort 1.4 Specification published February 23, 2016, and has passed VESA’s compliance testing process (excluding HDR) in June 2017. GD-123
2. GPU Supports Microsoft® Direct3D 12 feature level 12_03.
© 2018 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD Arrow logo, Radeon, and combinations thereof are trademarks of Advanced Micro Devices, Inc. Windows and DirectX is a registered trademark of Microsoft Corporation
in the US and other jurisdictions. OpenCL is a trademark of Apple Inc. used by permission by Khronos. OpenGL is a registered trademark of Silicon Graphics, Inc. used by permission by Khronos. Vulkan and the Vulkan logo are registered
trademarks of Khronos Group, Inc. Other product names used in this publication are for identification purposes only and may be trademarks of their respective companies. PID# 1610333-F
Specifications:
Graphics
Memory
Graphics Core Next
Stream Processors
1024 (16 Compute Units)
Memory Size
4 GB GDDR5
Memory Bandwidth
96 GB/s
Memory Interface
128-Bit
Display Outputs
(4x) Mini-DisplayPort 1.41
Display Output Support
(@ 60Hz)
4 @ 1920x1080
4 @ 3840x2160
2 @ 5120x2880
1 @ 7680x4320
Video Acceleration
HEVC Encode (up to 4K)
HEVC Decode (up to 4K)
Supported APIs
DirectX® 122, OpenGL 4.5,
OpenCL™ 2.0, Vulkan® 1.1,
Shader Model 5.1
Max Power Consumption
50 W
Form Factor
2.7” x 6.6” (H x L); Single Slot
Supported Operating Systems
(64-bit)
Microsoft® Windows® 10
Microsoft® Windows® 7
Linux®
Power to the Innovators.
AMD Radeon™ Pro provides the performance, features and reliability
needed to tackle professional workflows ranging from product design and
simulation to video post-production and visual effects. With stringent
product qualification, application certifications, performance optimizations
and regular enterprise driver updates, professionals can be assured a high
quality visual experience and peace of mind when working on mission
critical projects. The Radeon™ Pro family of professional graphics solutions
was crafted, from the ground up, for the most demanding of
professional users.
Superior Graphics Performance for
Small Form Factor Workstations.
Design professionals who want a flexible, fast and quiet small form-factor
workstation can turn to the Radeon™ Pro WX 4100 graphics card to get
their job done. Purpose-built for CAD and AEC workloads, the Radeon™
Pro WX 4100 graphics card is equipped with four mini-DisplayPort outputs for
multi-monitor setups and 4GB of graphics memory, making it an ideal solution
to tackle design and visualization of small to medium sized projects.
MAINSTREAM
DESIGN &
MANUFACTURING
MAINSTREAM
ARCHITECTURE,
ENGINEERING,
& CONSTRUCTION
Ideal for:
4x DISPLAY
OUTPUTS
4GB GRAPHICS
MEMORY
4GB
4x


Similar Description - WX4100

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
CPC-44-MR-LR-CLFA SOURCE-CPC-44-MR-LR-CLFA Datasheet
381Kb / 6P
Support 40GBASE-LR4 application
logo
List of Unclassifed Man...
HK274-73-XPB1 ETC2-HK274-73-XPB1 Datasheet
75Kb / 1P
Certifications UL, CSA
logo
Source Photonics, Inc.
SPP-10E-ER-IDFC SOURCE-SPP-10E-ER-IDFC Datasheet
322Kb / 7P
Support 10GBASE-ER/EW application
SPP-10E-ZR-CDFA SOURCE-SPP-10E-ZR-CDFA Datasheet
339Kb / 7P
Support 10GBASE-ZR/ZW application
SPPL-OR-8F-BX-IDFF SOURCE-SPPL-OR-8F-BX-IDFF Datasheet
175Kb / 7P
Support 6.25G CPRI application
SPPL-OR-8F-EBX-IDFF SOURCE-SPPL-OR-8F-EBX-IDFF Datasheet
177Kb / 7P
Support CPRI 3-6 application
SPPL-RO-8F-BX-IDFF SOURCE-SPPL-RO-8F-BX-IDFF Datasheet
174Kb / 7P
Support 6.25G CPRI application
logo
Analog Devices
ADV7185 AD-ADV7185 Datasheet
501Kb / 40P
Professional NTSC/PAL Video Decoder with 10-Bit CCIR656 Output
Rev. 0
logo
Advanced Micro Devices
WX7100 AMD-WX7100 Datasheet
366Kb / 1P
Professional Application Certifications, AMD Radeon VR Ready Creator
WX5100 AMD-WX5100 Datasheet
788Kb / 1P
Professional Application Certifications, 10-bit Color Depth Support
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com