Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4680 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4680
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4680 Datasheet HTML 9Page - Analog Devices AD4680 Datasheet HTML 10Page - Analog Devices AD4680 Datasheet HTML 11Page - Analog Devices AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices AD4680 Datasheet HTML 14Page - Analog Devices AD4680 Datasheet HTML 15Page - Analog Devices AD4680 Datasheet HTML 16Page - Analog Devices AD4680 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
AD4680/AD4681
Rev. 0 | Page 13 of 29
TERMINOLOGY
Differential Nonlinearity (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. DNL is often
specified in terms of resolution for which no missing codes are
guaranteed.
Integral Nonlinearity (INL)
INL is the deviation of each individual code from a line drawn
from negative full scale through positive full scale. The point
used as negative full scale occurs ½ LSB before the first code
transition. Positive full scale is defined as a level 1½ LSB beyond
the last code transition. The deviation is measured from the
middle of each code to the true straight line.
Gain Error
The first transition (from 100 … 000 to 100 … 001) occurs at a
level ½ LSB above nominal negative full scale. The last transition
(from 011 … 110 to 011 … 111) occurs for an analog voltage
1½ LSB below the nominal full scale. The gain error is the
deviation of the difference between the actual level of the last
transition and the actual level of the first transition from the
difference between the ideal levels.
Gain Error Drift
The gain error drift is the gain error change due to a temperature
change of 1°C.
Gain Error Matching
Gain error matching is the difference in negative full-scale error
between the input channels and the difference in positive full-
scale error between the input channels.
Zero Error
Zero error is the difference between the ideal midscale voltage,
0 V, and the actual voltage producing the midscale output code,
0 LSB.
Zero Error Drift
The zero error drift is the zero error change due to a temperature
change of 1°C.
Zero Error Matching
Zero error matching is the difference in zero error between the
input channels.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the
Nyquist frequency, excluding harmonics and dc. The value for
SNR is expressed in decibels (dB).
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in dB, between the rms amplitude of the
input signal and the peak spurious signal.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in dB.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components that are less than
the Nyquist frequency, including harmonics but excluding dc.
The value for SINAD is expressed in dB.
Common-Mode Rejection Ratio (CMRR)
CMRR is the ratio of the power in the ADC output at the
frequency, f, to the power of a 200 mV p-p sine wave applied to
the common-mode voltage of AINx+ and AINx− of frequency, f.
CMRR is expressed in dB.
CMRR = 10log(PADC_IN/PADC_OUT)
where:
PADC_IN is the common-mode power at the frequency, f, applied
to the AINx+ and AINx− inputs.
PADC_OUT is the power at the frequency, f, in the ADC output.
Aperture Delay
Aperture delay is the measure of the acquisition performance
and is the time between the falling edge of the CS input and
when the input signal is held for a conversion.
Aperture Delay Match
Aperture delay match is the difference of the aperture delay
between ADC A and ADC B.
Aperture Jitter
Aperture jitter is the variation in aperture delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com