Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4680 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4680
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4680 Datasheet HTML 17Page - Analog Devices AD4680 Datasheet HTML 18Page - Analog Devices AD4680 Datasheet HTML 19Page - Analog Devices AD4680 Datasheet HTML 20Page - Analog Devices AD4680 Datasheet HTML 21Page - Analog Devices AD4680 Datasheet HTML 22Page - Analog Devices AD4680 Datasheet HTML 23Page - Analog Devices AD4680 Datasheet HTML 24Page - Analog Devices AD4680 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
AD4680/AD4681
Rev. 0 | Page 21 of 29
INTERFACE
The interface to the AD4680/AD4681 is via a serial interface.
The interface consists of the CS, SCLK, SDOA, SDOB/ALERT,
and SDI pins.
The CS signal frames a serial data transfer and initiates an ADC
conversion process. The falling edge of CS puts the track-and-
hold into hold mode, at which point the analog input is sampled,
and the bus is taken out of three-state.
The SCLK signal synchronizes data in and out of the device via
the SDOA, SDOB, and SDI signals. A minimum of 16 SCLK
cycles are required for a write to or read from a register. The
minimum numbers of SCLK cycles for a conversion read is
dependent on the resolution of the device and the configuration
settings (see Table 11).
The ADC conversion operation is driven internally by an on-board
oscillator and is independent of the SCLK signal.
The AD4680/AD4681 have two serial output signals, SDOA
and SDOB. To achieve the highest throughput of the device,
use both SDOA and SDOB, 2-wire mode, to read the
conversion results. If a reduced throughput is required or
oversampling is used, it is possible to use 1-wire mode, the
SDOA signal only, for reading conversion results.
Programming the SDO bit in the CONFIGURATION2 register
configures 2-wire or 1-wire mode.
Configuring the cyclic redundancy check (CRC) operation for
SPI reads or SPI writes alters the operation of the interface.
Consult the relevant CRC Read, CRC Write, and CRC
Polynomial sections to ensure proper operation.
READING CONVERSION RESULTS
The CS signal initiates the conversion process. A high to low
transition on the CS signal initiates a simultaneous conversion
of both ADCs, ADC A and ADC B. The AD4680/AD4681 have
a one-cycle readback latency. Therefore, the conversion results
are available on the next SPI access. Then, take the CS signal
low, and the conversion result clocks out on the serial output
pins. The next conversion is also initiated at this point.
The conversion result is shifted out of the device as a 16-bit
result for the AD4680/AD4681. The MSB of the conversion result
is shifted out on the CS falling edge. The remaining data is
shifted out of the device under the control of the SCLK input.
The data is shifted out on the rising edge of SCLK, and the data
bits are valid on both the falling edge and the rising edge. After
the final SCLK falling edge, take CS high again to return the SDOA
and SDOB/ALERT pins to a high impedance state.
The number of SCLK cycles to propagate the conversion results
on the SDOA and SDOB/ALERT pins is dependent on the serial
mode of operation configured and if resolution boost mode is
enabled (see Figure 39 and Table 11 for details). If CRC reading
is enabled, additional SCLK cycles are required to propagate the
CRC information (see the CRC section for more details).
As the CS signal initiates a conversion, as well as framing the
data, any data access must be completed within a single frame.
Table 11. Number of SCLK Cycles, n, Required for Reading
Conversion Results
Interface
Configuration
Resolution
Boost Mode
CRC
Read
SCLK
Cycles
2-Wire
Disabled
Disabled
16
Enabled
24
Enabled
Disabled
18
Enabled
26
1-Wire
Disabled
Disabled
32
Enabled
40
Enabled
Disabled
36
Enabled
44
CS
12
3
n–2
n–1
n1
SCLK
CONVERSION RESULT
1CONSULT TABLE 11 FOR n, THE NUMBER OF SCLK CYCLES REQUIRED
SDOA
SDOB/ALERT
Figure 39. Reading Conversion Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com