Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC60QL03N Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PC60QL03N
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC60QL03N Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PC60QL03N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC60QL03N Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBD MODULE 60A/30V
PC60QL03N
PC60QL03N
PC60QL03N
PC60QL03N
Maximum Ratings
Approx Net Weight:65g
Voltage
Voltage
Voltage
Voltage Rating
Rating
Rating
Rating
Symbol
PC60QL03N
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Repetitive Peak Surge Reverse Voltage
VRRSM
35 (Pulse Width
≤ 1 µsec, Duty ≤1/50)
V
Electrical Rating
Electrical Rating
Electrical Rating
Electrical Rating
Condition
Condition
Condition
Condition
Rating
Rating
Rating
Rating
Average Rectified Output Current
IO
50Hz Half Sine Wave
per Arm, Tc=92
°C
60
A
RMS Forward Current
IF(RMS) Per Arm
94
A
Surge Forward Current
IFSM
50 Hz Half Sine Wave,1cycle
Non-repetitive, per Arm
800
A
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Case mounting(recommended)
1.45
Mounting torque
Ftor
Terminal Screw(recommended)
1.45
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Forward Voltage
VFM
IFM= 60A, Tj=25
°C, per Arm
0.50
V
Peak Reverse Current
IRM
VRM= VRRM, Tj= 25
°C, per Arm
80
mA
Rth(j-c) Junction to Case, per Arm
0.74
Thermal Resistance
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound
0.12 °
C/W
We recommend the use of the electrical conductive grease.
In case of parallel use, consider in balance of the current of each arms.
FEATURES
* Dual-Cathode Common to Base Plate
* Extremely Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* High Frequency Rectification
OUTLINE DRAWING


Similar Part No. - PC60QL03N

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PC60QL03N KSS-PC60QL03N Datasheet
264Kb / 2P
Schottky Barrier Diode
logo
National Instruments Co...
PC60QL03N NI-PC60QL03N_15 Datasheet
168Kb / 2P
60A Avg 30 Volts
More results

Similar Description - PC60QL03N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com