Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB51 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # DBB51
Description  Timers True Delay on Release
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBB51 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  DBB51 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBB51 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (02.04.08)
1
Product Description
Timers
True Delay on Release
Type DBB51
• Time range 1 to 600 s - capacitor powered
• Knob-adjustable time setting
• Automatic start after drop-out of power supply
• Repeatability:
≤ 0.2%
• Output: 5 A SPDT relay
• For mounting on DIN-rail in accordance with DIN/EN
50 022
• 17.5 mm DIN-rail housing (DIN 43880)
• Combined AC and DC power supply
• LED indication for relay status and power supply ON
Multi voltage (true) delay on
release timer.
Time ranges from 1 to 600 s
covered by 3 models.
Housing 17.5 mm wide suit-
able for DIN-rail mounting.
Fits in M36 cover.
Type Selection
Mounting
Output
Time range
Supply: 24 VDC and 24 to 240 VAC
For DIN-rail
SPDT
1 to 10 s
DBB 51 C M24 10S
SPDT
6 to 60 s
DBB 51 C M24 1M
SPDT
60 to 600 s
DBB 51 C M24 10M
Time Specifications
Output Specifications
Time ranges
Type 10 S
1
to
10 s
Type 1 M
6
to
60 s
Type 10 M
60 to 600 s
Repeatability
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%
Within ambient temperature
≤ 0.2%
Reset
Power supply applied for:
DBB51CM2410S
≥ 200 ms
DBB51CM241M,
≥ 200 ms
DBB51CM2410M
≥ 400 ms
Output
SPDT relay
Rated insulation voltage
250 VAC (RMS)
Contact Ratings (AgSnO2)µ
Resistive loads
AC 1
5 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads
AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 5 A, 250 V, cos
ϕ = 1)
Operating frequency
< 7200 operations / h
Dielectric strength
Dielectric voltage
2 kVAC (RMS)
Rated impulse withstand
voltage
2.5 kV (1.2/50
µs)
Ordering key
Housing
Function
Type
Item number
Output
Power Supply
Range
DBB 51 C M24 10M
Supply Specifications
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
A1, A2
24 VDC ± 15% and
24 to 240 VAC +10% -15%,
45 to 65 Hz
Voltage interruption
≤ 40 ms
Rated operational power
AC supply:
1.5 VA
DC supply:
0.06 W


Similar Part No. - DBB51

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
Timers True delay on release Types
logo
List of Unclassifed Man...
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
Timers True delay on release
logo
Carlo Gavazzi Holding A...
DBB01C724 CARLOGAVAZZI-DBB01C724 Datasheet
109Kb / 3P
Timers True delay on release Types
logo
List of Unclassifed Man...
DBB01CM24 ETC2-DBB01CM24 Datasheet
97Kb / 3P
Timers True delay on release
logo
Carlo Gavazzi Holding A...
DBB01CM24 CARLOGAVAZZI-DBB01CM24 Datasheet
109Kb / 3P
Timers True delay on release Types
More results

Similar Description - DBB51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B128220006 ETC2-B128220006 Datasheet
64Kb / 2P
Timers Delay on Release
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
Timers Delay on Release
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
Timers True delay on release
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
Timers Delay on Operate
EBECT2310H ETC2-EBECT2310H Datasheet
40Kb / 2P
Timers Interval, Delay on Release
logo
Carlo Gavazzi Holding A...
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
Timers True delay on release Types
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
Timers Delay on Release
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
Timers Delay on Release
DBB02 CARLOGAVAZZI-DBB02 Datasheet
124Kb / 3P
Timers True delay on release
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
STB Series Solid State Triggered Delay-On-Release Timers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com