Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB51 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DBB51
Description  Timers True Delay on Release
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBB51 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DBB51 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBB51 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (02.04.08)
DBB51
Operation Diagram
General Specifications
Housing
Dimensions
17.5 x 81 x 67.2 mm
Material
PA66
Weight
70 g
Screw terminals
Tightening torque
Max 0.5 Nm according to
IEC EN 60947
Approvals
UL, CSA
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
When the power supply is
applied the relay operates.
When the power supply is
interrupted the time period
starts and, at the end of the
set time period, the relay
releases.
If power supply is reapplied
before the relay releases the
time is reset and the relay
remains ON.
Note:
DBB51 shoud not be oper-
ated by pulses shorter than
200 ms.
For
these
puroposes
the
relay DMB51, operated by
external
contact
function,
should be used.
Time setting
Knob adjustable on absolute
scale.
Wiring Diagram
A1
A2
m
15
16
18
L(+)
N(-)
Mode of Operation/Settings
ON
OFF
Dimensions
67.2
18.7
17.5
Power ON delay
≤ 200 ms
Power OFF delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Output relay ON
LED, yellow (flashing when
timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (IEC 60664)
Operating temperature
-20 to 60 °C, R.H. < 95%
Storage temperature
-30 to 80 °C, R.H. < 95%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com