Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB02 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # DBB02
Description  Timers True delay on release
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBB02 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  DBB02 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBB02 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DBB02 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (14.04.20)
1
Timers
True delay on release
Types DBB02, PBB02
• Time range 60 s to 10 h - battery powered
• 3 time ranges selectable by DIP-switches
• Knob-adjustable time setting
• Automatic start after drop-out of power supply
• Repeatability: ≤ 0.2%
• Output: 8 A SPDT or 8 A DPDT relay
• For mounting on DIN-rail in accordance with DIN/EN/
EC 60715 or Plug-in
• 22.5 mm Euronorm or 36 mm Plug-in module housing
• Combined AC and DC power supply
• LED indication for power supply ON
Product Description
Ordering key
DBB 02 C M24
Housing
Function
Type
Item number
Output
Power Supply
Multi voltage true delay on
release timer with 3 time
ranges from 60 s to 10 h
selectable by DIP-switches.
The built-in non-replace-
able battery (Ni-MH) will be
charged while the power
supply is applied.
For mounting on DIN-rail
(DBB02) or Plug-in (PBB02).
Type Selection
Mounting
Output
Housing
Supply: 24 to 240 VAC/DC
For DIN-rail
SPDT
D - Housing
DBB 02 C M24
DPDT
D - Housing
DBB 02 D M24
Plug-in
SPDT
P - Housing
PBB 02 C M24
DPDT
P - Housing
PBB 02 D M24
Time Specifications
Time ranges
Selectable by DIP-switches
60 to 600 s
0.1 to
1 h
1
to
10 h
Repeatability
≤ 0.2%
Output Specifications
Output
SPDT or DPDT relay
Rated insulation voltage
250 VAC (RMS)
Contact Ratings(AgNi)
µ
Resistive loads
AC 1
8 A
@
250 VAC
DC 12 5 A
@
24 VDC
Small inductive loads AC 15 2.5 A @
250 VAC
DC 13 2.5 A @
24 VDC
Mechanical life
≥ 2 x 106 operations
Electrical life
AC 1
≥ 105 operations
(at 8 A, 250 V, cos
j = 1)
Dielectric strength
Dielectric voltage
2 kVAC (RMS)
Rated impulse withstand
voltage
4 kV (1.2/50
µs)
DBB02
PBB02
Time variation
Within rated battery voltage
≤ 1%
Within rated power supply
≤ 0.05%
Within ambient temperature
≤ 0.2%
Reset
Power supply applied
for min. 200 ms
Supply Specifications
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
(DBB02)
A1, A2
24 to 240 VAC/DC
(PBB02)
2, 10
+10% -15%, 45 to 65 Hz
Voltage interruption
≤ 40 ms
Rated operational power
AC supply:
3.7 VA
DC supply:
1.3 W
Built-in non-replaceable
battery for time function
Nominal capacity
70 mAh
Charge
Via power supply
Working life
≥ 500 charge/discharge
cycles
Note: for the shipment,
you must comply with
the relevant packaging and
labeling regulation.


Similar Part No. - DBB02

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
Timers True delay on release Types
logo
List of Unclassifed Man...
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
Timers True delay on release
logo
Carlo Gavazzi Holding A...
DBB01C724 CARLOGAVAZZI-DBB01C724 Datasheet
109Kb / 3P
Timers True delay on release Types
logo
List of Unclassifed Man...
DBB01CM24 ETC2-DBB01CM24 Datasheet
97Kb / 3P
Timers True delay on release
logo
Carlo Gavazzi Holding A...
DBB01CM24 CARLOGAVAZZI-DBB01CM24 Datasheet
109Kb / 3P
Timers True delay on release Types
More results

Similar Description - DBB02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B128220006 ETC2-B128220006 Datasheet
64Kb / 2P
Timers Delay on Release
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
Timers Delay on Release
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
Timers True delay on release
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
Timers Delay on Operate
EBECT2310H ETC2-EBECT2310H Datasheet
40Kb / 2P
Timers Interval, Delay on Release
logo
Carlo Gavazzi Holding A...
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
Timers True delay on release Types
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
Timers Delay on Release
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
Timers Delay on Release
DBB51 CARLOGAVAZZI-DBB51 Datasheet
70Kb / 2P
Timers True Delay on Release
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
STB Series Solid State Triggered Delay-On-Release Timers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com