Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB02 Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # DBB02
Description  Timers True delay on release
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBB02 Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  DBB02 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBB02 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DBB02 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice (14.04.20)
3
DBB02, PBB02
Wiring Diagrams
Curves
DBB02
PBB02
The
tables
indicate
the
charging time needed to
keep the built-in battery
fully charged for a certain
adjusted time period.
Example
Adjusted time period 10h,
battery charging time will be
about 2.2 h.
At 5 operations: 5 x 10 h, bat-
tery charging will be 5 x 2,2 h.
If the calculated charging
time cannot be obtained,
then the battery voltage has
to be checked, as it must
not drop below 4.2 VDC
(min. battery voltage).
Test can be perfomed on
terminals + and A2 or 7 and
10.
Time range 60 to 600 s
Time range 0.1 to 1 h
Time range 1 to 10 h
Dimensions
22.5
99.5
28.5
DIN-rail
36
94
28.5
90
Plug-in



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com