Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC01D115. Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # PMC01D115.
Description  Timers Multifunction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PMC01D115. Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  PMC01D115. Datasheet HTML 1Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 2Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 3Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 4Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 5Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications are subject to change without notice (18.06.07)
3
DMC01, PMC01
Mode of Operation
Function Op: Delay on
operate, manual start
The time period begins as
soon as the trigger contact
is closed.
At the end of the set delay
time the relay operates and
doesn't release until the trig-
ger contact is closed again
or the power supply is dis-
connected. When the trigger
contact is closed, the relay
releases and a new time
period starts.
Function Oa: Delay on
operate, automatic and
manual start
The time period begins as
soon as the power supply is
connected.
At the end of the set delay
time the relay operates and
doesn't release until the trig-
ger contact is closed or the
power supply is disconnect-
ed. When the trigger contact
is closed, the relay releases
and
a
new
time
period
starts.
Function
In:
Interval,
manual start
The relay operates and the
time period begins as soon
as the trigger contact is
closed. The relay releases at
the end of this period or
when the power supply is
disconnected.
The
relay
operates again when the
trigger
contact
is
closed
again. If the trigger contact
is closed before the end of
the delay time, the relay
keeps ON and a new time
period starts.
Function Ia: Interval, auto-
matic and manual start
The relay operates and the
time period begins as soon
as the power supply is con-
nected.
The relay releases at the end
of this period or when the
power supply is disconnect-
ed. The relay operates again
when the trigger contact is
closed. If the trigger contact
is closed before the end of
the delay time, the relay
keeps ON and a new time
period starts.
Function Nr: Interval with
no time reset, manual start
The relay operates and the
time period begins as soon
as the trigger contact is
closed. The relay releases at
the end of this period or
when the power supply is
disconnected.
The
relay
operates again when the
trigger
contact
is
closed
again.
Function Na: Interval with
no time reset, automatic
and manual start
The relay operates and the
time period begins as soon
as the power supply is con-
nected.
The relay releases at the end
of this period or when the
power supply is disconnect-
ed. The relay operates again
when the trigger contact is
closed.
Function
Dr:
Delay
on
release
The relay operates as soon
as the trigger contact
is
closed.
The
time
period
begins when the trigger con-
tact is opened. The relay
releases at the end of the
set delay time or when the
power supply is disconnect-
ed. The relay operates again
when the input contact is
closed again. If it is closed
before the end of the delay
time the relay keeps ON, a
new time period begins as
soon
as
the
contact
is
opened again.
Example1:
Delay
on
operate
with
remote
control time setting:
Using the delay on operate
function,
DMC01D
or
PMC01C can be used to set
the working delay of an
equipment (i.e. a pump) by a
knob placed on a panel. It is
only necessary to connect
an external potentiometer to
the suitable pins (T1, T2, T3
for DMC01D or 8. 9. 11 for
PMC01C) and mount the
knob on the control panel.
Note:
The external potentiometer
must be connected before
the product operates. The
cable length must be below
3 m
Example 2: Interval with
NPN or Namur proximity
sensor.
Using the Interval function
and a NPN or Namur prox-
imity sensor, DMC01 and
PMC01
can
be
used
to
monitor the actual presence
of an object (i.e. a can) in
the right place on a convejor
belt. In fact the sensor trig-
gers the timer each time it
detects an object on the
belt, so the relay keeps ON
as long as there is no gap
on the belt. As soon as there
is a gap on the belt, the
relay switches OFF and an
alarm can be activated.
Yellow LED working mode
Timing:
Slow blinking
Relay ON:
See operation diagrams
Incorrect knobs position:
Fast blinking



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com