Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC01D115. Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # PMC01D115.
Description  Timers Multifunction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PMC01D115. Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  PMC01D115. Datasheet HTML 1Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 2Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 3Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 4Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 5Page - Carlo Gavazzi Holding AG PMC01D115. Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications are subject to change without notice (18.06.07)
1
Timers
Multifunction
Types DMC01, PMC01
• Time range 0.1 s to 100 h
• 7 knob selectable functions
Op - Delay on operate, manual start
Oa - Delay on operate, automatic and manual start
In - Interval, manual start
Ia - Interval, automatic and manual start
Nr - Interval with no time reset, manual start
Na - Interval with no time reset, automatic and
manual start
Dr - Delay on release
• Knob selection of time range
• Knob adjustable time setting
• External adjustable time setting available
• Repeatability:
≤ 0.2%
• DC supply for PNP/NPN and Namur sensors
• Output: 8 A SPDT or 2 x 8 A SPDT relay
• For mounting on DIN-rail in accordance with DIN/EN
50 022 or Plug-in
• 22.5 mm or 45 mm Euronorm or 36 mm Plug-in
module housing
• LED indication for relay status and power supply ON
Product Description
Multi-voltage timer with 7
knob
selectable
functions
and 7 knob selectable time
ranges
within
0.1s
and
100h. Remote time setting
available.
15 VDC, 10 mA (1 relay) or 24
VDC, 15 mA (2 relays) supply
for PNP/NPN sensors and 8.2
VDC supply for Namur sensor.
For
mounting
on
DIN-rail
(DMC01) or Plug-in (PMC01).
Type Selection
Mounting
Output
Housing
Supply: 24 VDC
Supply: 24 or 48 VAC
Supply: 115 or 230 VAC
For DIN-rail
1 x SPDT
D - 22.5 mm
DMC 01 C 724
DMC 01 C B48
DMC 01 C B23
For DIN-rail
2 x SPDT
D - 45 mm
DMC 01 D 724
DMC 01 D B48
DMC 01 D B23
Mounting
Output
Housing
Supply: 24 VDC
Supply: 24 VAC
Supply: 115 VAC
Supply: 230 VAC
Plug-in
1 x SPDT
P - Housing
PMC 01 C 724
PMC 01 C 024
PMC 01 C 115
PMC 01 C 230
Plug-in
2 x SPDT
P - Housing
PMC 01 D 724
PMC 01 D 024
PMC 01 D 115
PMC 01 D 230
Time Specifications
Time ranges
Knob selectable
0.1 to 1 s
1
to 10 s
6
to 60 s
60 to 600 s
0.1 to 1 h
1
to 10 h
10 to 100 h
Setting accuracy
≤ 5%
Repeatability
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%/V
Within ambient temperature
≤ 0.2%/°C
External time setting
Linear remote potentiometer
10 k
Ω
Max length of pot. cable
3 m
Reset
Manual reset of time
and/or relay
Close the trigger contact
Pulse duration
≥ 10 ms
Power supply interruption
1 relay versions:
≥ 700 ms
2 relays versions:
≥ 200 ms
PNP/NPN sensor supply output
1 relay versions:
15 VDC, 10 mA
2 relays versions:
24 VDC, 15 mA
pins + and - or 6 and 7
pin + or 6 positive
Namur sensor connection
8.2 VDC, 1k
Ω
pins + and S or 6 and 5
pin + or 6 positive
DMC01C
DMC01D
PMC01
Ordering key
DMC 01 C B23
Housing
Function
Type
Item number
Output
Power Supply


Similar Part No. - PMC01D115.

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
PMC05S180 CINCON-PMC05S180 Datasheet
1Mb / 2P
3.6 WATT DALI POWER SUPPLY
More results

Similar Description - PMC01D115.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
List of Unclassifed Man...
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
Timers Multifunction
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Carlo Gavazzi Holding A...
DMB51 CARLOGAVAZZI-DMB51 Datasheet
144Kb / 4P
Timers Multifunction
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
FMB01 CARLOGAVAZZI-FMB01 Datasheet
184Kb / 4P
Timers Multifunction Type FMB01
logo
Littelfuse
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
Multifunction
2016 Rev: 1-A-062216
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com