Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 4 Page - Analog Devices

  AD9986 Datasheet HTML 1Page - Analog Devices AD9986 Datasheet HTML 2Page - Analog Devices AD9986 Datasheet HTML 3Page - Analog Devices AD9986 Datasheet HTML 4Page - Analog Devices AD9986 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AD9986
Preliminary Technical Data
Rev. PrA | Page 4 of 5
ABSOLUTE MAXIMUM RATINGS
Table 1.
Parameter
Rating
ISET, DACxP, DACxN, TDP, TDN
−0.3 V to AVDD2 + 0.3 V
VCO_COARSE, VCO_FINE,
VCO_VCM, VCO_VREG
−0.3 V to AVDD2_PLL + 0.3 V
ADC0P, ADC0N, ADC1P, ADC1N
−0.3 V to BVDD2 + 0.3 V
VCM0, VCM1
−0.3 V to RVDD2 + 0.3 V
CLKINP, CLKINN
−0.2 V to PLLCLKVDD1 + 0.2 V
ADCDRVN, ADCDRVP
−0.2 V to CLKVDD1 + 0.2 V
SERDINx±, SERDOUTx±
−0.2 V to SVDD1 + 0.2 V
SYSREFP, SYSREFN,
and SYNCxIN±
−0.2 V to +2.5 V
SYNCxOUT±, SYNCxIN±, RESET,
TXENx, RXENx, IRQx, CS, SCLK,
SDIO, SDO, TMU_REFN,
TMU_REFP, ADCx_SMON0,
ADCx_SMON1, ADCx_FD0,
ADCx_FD1, GPIOx
−0.3 V to DVDD1P8 + 0.3 V
AVDD2, AVDD2_PLL, BVDD2,
RVDD2, SVDD2_PLL, DVDD1P8
−0.3 V to +2.2 V
PLLCLKVDD1, AVDD1,
AVDD1_ADC, CLKVDD1,
FVDD1, DAVDD1, DVDD1_RT,
DCLKVDD1, SVDD1,
SVDD1_PLL
−0.2 V to +1.2 V
VNN1
−1.1 V to +0.2 V
Temperature
Maximum Junction (TJ)1
120°C
Storage Range
−40°C to +150°C
1
Do not exceed this temperature for any duration of time when the device is
powered.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
REFLOW PROFILE
The AD9986 reflow profile is in accordance with the JEDEC
JESD 20 criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. The use of appropriate
thermal management techniques is recommended to ensure that
the maximum TJ does not exceed the limits shown in Table 1.
θJA is the natural convection, junction-to-ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC_TOP is the junction-to-case thermal resistance.
θJB is the junction-to-board thermal resistance.
Table 2. Thermal Resistance1
Package
Type
Airflow Velocity
(m/sec)
θJA
θJC_TOP
θJB
Unit
BP-324-3
0.0
11.7
0.40
2.3
°C/W
1
Thermal resistance values specified are simulated based on JEDEC specifications
in compliance with JESD51-12 with the device power equal to 9 W.
ESD CAUTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com