Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 1 Page - Analog Devices

  AD9986 Datasheet HTML 1Page - Analog Devices AD9986 Datasheet HTML 2Page - Analog Devices AD9986 Datasheet HTML 3Page - Analog Devices AD9986 Datasheet HTML 4Page - Analog Devices AD9986 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4T2R Direct RF Transmitter and
Observation Receiver
Preliminary Technical Data
AD9986
Rev. PrA
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Flexible reconfigurable radio common platform design
4D2A (4 × 12 GSPS 16-bit DAC + 2 × 6 GSPS 12-bit ADC)
4D1A (4 × 12 GSPS 16-bit DAC + 1 × 6 GSPS 12-bit ADC)
Transmit/receive channel bandwidth up to 1.2 GHz/2.4 GHz
(4T2R)
Transmit/receive channel bandwidth up to 2.4 GHz/2.4 GHz
(2T2R)
RF DAC/RF ADC output/input −3 dB bandwidth of 5.2 GHz
and 7.5 GHz
On-chip PLL with multichip synchronization
External RF clock input option
ADC ac performance at 6 GSPS
Full-scale input voltage: 1.475 V p-p
Noise density: −153 dBFS/Hz
Noise figure: 25.3 dB
HD2: −65.2 dBFS at 2.7 GHz
HD3: −70.8 dBFS at 2.7 GHz
Worst other (excluding HD2 and HD3): −68.5 dBFS at 2.7 GHz
DAC ac performance at 12 GSPS
Full-scale output current range: 7 mA to 40 mA
2-tone IMD3 (−7 dBFS per tone): −78.9 dBc
Noise spectral density (NSD), single-tone at 3.7 GHz:
−155.1 dBc/Hz
Spurious free dynamic range (SFDR), single-tone at
3.7 GHz: −70 dBc
Versatile digital features
Selectable interpolation and decimation filters
Configurable digital down conversion (DDC) and digital up
conversion (DUC)
8 fine complex DUCs and 4 coarse complex DUCs
8 fine complex DDCs and 4 coarse complex DDCs
48-bit numerically controlled oscillator (NCO) per
DUC/DDC
Option to bypass fine DUC/DDC
Programmable 192 tap programmable filter (PFIR) for
receive equalization
Supports 4 different profile settings loaded via GPIO
Programable delay per data path
Receive automatic gain control (AGC) support
Fast detect with low latency for fast AGC control
Signal monitor for slow AGC control
Dedicated AGC support pins
Transmit DPD support
Fine DUC channel gain control and delay adjust
Coarse DDC delay adjust for DPD observation path
Versatile digital features
Supports real or complex digital data (8-bit, 12-bit, or 16-bit)
Configurable digital up/down conversion (DDC/DUC)
8 fine complex DUCs and 4 coarse complex DUCs
8 fine complex DDCs and 4 coarse complex DDCs
2 independent NCO per DUC/DDC
Option to bypass fine DUC/DDC
Auxiliary features
ADC clock driver with selectable divide ratios
PA downstream protection circuitry
On-chip temperature sensor
Programmable GPIO pins
ADC clock driver with selectable divide ratios
TDD power savings option
SERDES JESD204B/C Interface, 16 lanes up to 24.75 Gbps
8 receive lanes for RFDAC
8 transmit lanes for RFADC
JESD204B compatible with the maximum 15.5 Gbps lane rate
JESD204C compatible with the maximum 24.75 Gbps lane
rate
Sample/bit repeat mode for receive lane rate matching
15 mm × 15 mm BGA with 0.8 mm pitch
APPLICATIONS
Wireless communications infrastructure
W-CDMA, LTE, LTE-A, massive MIMO
Microwave point-to-point, E-band, and 5G mm wave
Broadband communications systems
Data over cable service interface specification (DOCSIS) 3.0
cable modem termination system (CMTS)
Communications test and measurement system
GENERAL DESCRIPTION
The transmit signal front-end (TxFE™) is a highly integrated
device with 16-bit, 12 GSPS maximum sample rate RF digital-to-
analog converter (DAC) core and 12-bit, 6 GSPS rate RF analog-
to-digital converter (ADC) core. The AD9986 is able to support
four transmitter channels and two receiver channels with 4D2A
configuration. This device is well suited for 2-antenna and 4-
antenna transmitter applications requiring wideband ADCs for
the digital predistortion (DPD) observation path. It features a
sixteen lane 24.75 Gbps JESD204C or 15.5 Gbps JESD204B data
transceiver port, an on-chip clock multiplier, and digital signal
processing capability targeted at multiband direct-to-RF radio
applications. It supports up to a 6 GSPS complex transmit and
receive data rate in single channel mode. The maximum radio
band spacing supported in multichannel mode is 1.2 GHz.


Similar Part No. - AD9986

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9986 AD-AD9986 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
AD9986-FMCB-EBZ AD-AD9986-FMCB-EBZ Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
AD9986BBPZ-4D2AC AD-AD9986BBPZ-4D2AC Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
AD9986BBPZRL-4D2AC AD-AD9986BBPZRL-4D2AC Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
More results

Similar Description - AD9986

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
IR Transmitter and Receiver
logo
rfsolutions.ltd
TX6000 RFSOLUTIONS-TX6000 Datasheet
242Kb / 5P
458MHZ RF TRANSMITTER & RECEIVER
logo
Analog Devices
AD6641 AD-AD6641 Datasheet
653Kb / 28P
250 MHz Bandwidth DPD Observation Receiver
REV. 0
AD9988 AD-AD9988 Datasheet
3Mb / 40P
4T4R Direct RF Receiver and Transmitter
AD6688 AD-AD6688 Datasheet
2Mb / 138P
RF Diversity and 1.2 GHz Bandwidth Observation Receiver
4/2017-Revision 0
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
Integrated Dual RF Transmitters and Observation Receiver
9/2018-Revision 0
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
Integrated Dual RF Transmitter, Receiver, and Observation Receiver
5/2019-Rev. A to Rev B.
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
Transmitter and Receiver
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
Transmitter and Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com