Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355 Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 35Page - Analog Devices ADA4355 Datasheet HTML 36Page - Analog Devices ADA4355 Datasheet HTML 37Page - Analog Devices ADA4355 Datasheet HTML 38Page - Analog Devices ADA4355 Datasheet HTML 39Page - Analog Devices ADA4355 Datasheet HTML 40Page - Analog Devices ADA4355 Datasheet HTML 41Page - Analog Devices ADA4355 Datasheet HTML 42Page - Analog Devices ADA4355 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 39 of 45
MEMORY MAP REGISTER TABLE
The ADA4355 uses a 3-wire interface and 16-bit addressing.
Therefore, Bit 0 and Bit 7 in Register 0x00 are set to 0, and Bit 3
and Bit 4 are set to 1.
When Bit 5 in Register 0x00 is set high, the SPI enters a soft
reset, where all of the user registers revert to their default
values, and Bit 2 is automatically cleared.
Table 17. Memory Map Register
Reg.
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0 = SDO
active
LSB first
Soft
reset
1 = 16-bit
address
1 = 16-bit
address
Soft reset
LSB first
0 = SDO
active
0x18
Nibbles are
mirrored to
allow a given
register value
to perform
the same
function for
either MSB-
first or LSB-
first mode.
0x01
Chip ID
(global)
8-bit chip ID, Bits[7:0], ADA4355
0x8B
Unique chip
ID used to
differentiate
devices; read
only.
Device Index and Transfer Registers
0x05
Device index
Open
Open
Clock
channel
DCO
Clock
channel
FCO
Open
Open
01 = data channel
enabled,
00 = data channel
disabled,
Bit 1 only used after start
up or power cycle, see
ADC SPI Start-Up
Sequence
0x33
Bits are set to
determine
which
channels will
receive the
next write
command.
Bit 1 is only
used after
start-up or
power cycle.
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Initiate
override
0x00
Set
resolution/
sample rate
override.
Global ADC Function Registers
0x08
ADC power
modes (global)
Open
Open
Open
Open
Open
Open
Power mode:
00 = chip run,
01 = full power-down,
10 = standby,
11 = reset
0x00
Determines
various
generic
modes of chip
operation.
0x09
Clock (global)
Open
Open
Open
Open
Open
Open
Open
DCS:
0 = off,
1 = on
0x00
Turns DCS
on or off.
0x0B
Clock divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio[2:0]:
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
Not
applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com