Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 9Page - Analog Devices ADA4355 Datasheet HTML 10Page - Analog Devices ADA4355 Datasheet HTML 11Page - Analog Devices ADA4355 Datasheet HTML 12Page - Analog Devices ADA4355 Datasheet HTML 13Page - Analog Devices ADA4355 Datasheet HTML 14Page - Analog Devices ADA4355 Datasheet HTML 15Page - Analog Devices ADA4355 Datasheet HTML 16Page - Analog Devices ADA4355 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 13 of 45
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
VCC to GND
−0.3 V to +4.0 V
VEA, VED to GND
−0.3 V to +2.0 V
VLD to GND
−0.3 V to VCC
CLKP, CLKN, SPI1 to GND
−0.3 V to +2.0 V
INPUT to GND
−0.2 V to VCC + 0.2 V
Analog Input Current
40 mA
Control2 to GND
−0.3 V to VCC + 0.3 V or 1 mA,
whichever occurs first
Digital Output3 to GND
−0.3 V to +2.0 V
Environmental Temperature
Storage Range (Ambient)
−65°C to +125°C
Maximum Junction
125°C
Electrostatic Discharge (ESD)
Human Body Model
INPUT (Ball E1) and DNC
(Ball F1) Balls
500 V
All Other Balls
3000 V
Field Induced Charge
Device Model (FICDM)
1250 V
Assemble (Soldering, 10 sec)
300°C
1
Includes SCLK, SDIO, and CS.
2
Includes FSEL, GSEL1, GSEL0, and VLDEN.
3
Includes D0AP, D0AN, D1AP, D1AN, DCOP, DCON, FCOP, and FCON.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
Thermal resistance values specified in Table 7 are calculated
based on standard JEDEC specifications.
Table 7. Thermal Resistance
Package Type
θJA
θJCTOP
ΨJT
Unit
BC-84-4
52.6
22.0
17.7
°C/W
Only use θJA and θJCTOP to compare thermal performance of the
package of the device with other semiconductor packages when
all test conditions listed are similar. One common mistake is to
use θJA and θJC to estimate the junction temperature in the system
environment. Instead, using ΨJT is a more appropriate way to
estimate the worst case junction temperature of the device in the
system environment. First, take an accurate thermal measurement
of the top center of the device (on the mold compound in this
case) while the device operates in the system environment. This
measurement is known in the following equation as TTOP.
Then, use this equation to solve for the worst case TJ in that
given environment as follows:
TJ = ΨJT × P + TTOP
where:
ΨJT is the junction to top thermal characterization number as
specified in the data sheet.
P refers to the total power dissipation in the chip (W).
TTOP refers to the package top temperature (°C) and is measured
at the top center of the package in that given environment.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com