Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor ASPM34 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NFVA23512NP2T
www.onsemi.com
8
BOOTSTRAP DIODE PART (TJ as specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage
IF = 1.0 A, TJ = 25°C
−
2.2
−
V
trr
Reverse−Recovery Time
IF = 1.0 A, dIF/dt = 50 A/ms, TJ = 25°C
−
80
−
ns
CONTROL PART (TJ = 25°C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IQDDH
Quiescent VDD Supply Current
VDD(H) = 15 V,
IN(UH,VH.WH) = 0 V
VDD(UH) − COM(H),
VDD(VH) − COM(H),
VDD(WH) − COM(H)
−
−
0.15
mA
IQDDL
VDD(L) = 15 V,
IN(UL,VL.WL) = 0 V
VDD(L) − COM(L)
−
−
4.80
mA
IPDDH
Operating VDD Supply Current
VDD(H) = 15 V, fPWM = 20
kHz, duty = 50%, applied
to one PWM signal input
for High−Side
VDD(UH) − COM(H),
VDD(VH) − COM(H),
VDD(WH) − COM(H)
−
−
0.30
mA
IPDDL
VDD(L) = 15 V, fPWM = 20
kHz, duty = 50%, applied
to one PWM signal input
for Low−Side
VDD(L) − COM(L)
−
−
15.5
mA
IQBS
Quiescent VBS Supply Current
VBS = 15 V,
IN(UH,VH.WH) = 0 V
VB(U) − VS(U),
VB(V) − VS(V),
VB(W) − VS(W)
−
−
0.30
mA
IPBS
Operating VBS Supply Current
VDD = VBS = 15 V,
fPWM = 20 kHz, duty =
50%, applied to one PWM
signal input for High−Side
VB(U) − VS(U),
VB(V) − VS(V),
VB(W) − VS(W)
−
−
12.0
mA
VFOH
Fault Output Voltage
VDD = 15 V, VSC = 0 V, VFO Circuit: 4.7 kW to 5 V
Pull−up
4.5
−
−
V
VFOL
VDD = 15 V, VSC = 1 V, VFO Circuit: 4.7 kW to 5 V
Pull−up
−
−
0.50
V
ISEN
Sensing Current of Each
Sense IGBT
VDD = 15 V, VIN = 5 V,
RSC = 0 W, No Connection
of Shunt Resistor at
NU,V.W terminal
IC = 35 A
−
36.0
−
mA
VSC(ref)
Short Circuit Trip Level
VDD = 15 V (Note 8)
CSC − COM(L)
0.43
0.50
0.57
V
ISC
Short Circuit Current Level
for Trip
RSC = 16 W (±1%), No Connection of Shunt Re-
sistor at NU,V,W Terminal (Note 8)
−
70
−
A
UVDDD
Supply Circuit Under−Voltage
Protection
Detection Level
10.3
−
12.8
V
UVDDR
Reset Level
10.8
−
13.3
V
UVBSD
Detection Level
9.5
−
12.0
V
UVBSR
Reset Level
10.0
−
12.5
V
tFOD
Fault−Out Pulse Width
CFOD = Open
(Note 9)
50
−
−
ms
CFOD = 2.2 nF
1.7
−
−
ms
VIN(ON)
ON Threshold Voltage
Applied between IN(UH,VH.WH) − COM(H)
IN(UL,VL.WL) − COM(L)
−
−
2.6
V
VIN(OFF)
OFF Threshold Voltage
0.8
−
−
V
RTH
Resistance of Thermistor
at TTH = 25°C
See Figure 6
(Note 10)
−
47
−
kW
at TTH = 100°C
−
2.9
−
kW
8. Short−circuit current protection functions only at the low−sides because the sense current is divided from main current at low−side IGBTs.
Inserting the shunt resistor for monitoring the phase current at NU, NV, NW terminal, the trip level of the short−circuit current is changed.
9. The fault−out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation :
tFOD = 0.8 × 106 × CFOD
10.TTH is the temperature of thermistor itself. To know case temperature (TC), conduct experiments considering the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com