Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 2 Page - ON Semiconductor

  ASPM34 Datasheet HTML 1Page - ON Semiconductor ASPM34 Datasheet HTML 2Page - ON Semiconductor ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NFVA23512NP2T
www.onsemi.com
2
Integrated Power Functions
• 1200 V−35 A IGBT inverter for three−phase DC/AC
power conversion (Refer to Figure 1)
Integrated Drive, Protection and System Control
Functions
• For inverter high−side IGBTs: gate drive circuit,
high−voltage isolated high−speed level shifting control
circuit, Under−Voltage Lock−Out Protection (UVLO)
• For inverter low−side IGBTs: gate drive circuit,
Short−Circuit Protection (SCP) control supply circuit,
Under−Voltage Lock−Out Protection (UVLO)
• Fault signaling: corresponding to UVLO (low−side
supply) and SC faults
• Input interface: active−high interface, works with 3.3/5
V logic, schmitt−trigger input
PIN CONFIGURATION
Figure 1. Top View
Case Temperature (TC)
Detecting Point
(1) P
(2) W
(3) V
(4) U
(5) NW
(6) NV
(7) NU
(8) RTH
(9) VTH
(34) VS(W)
(33) VB(W)
(31) VDD(WH)
(30) IN(WH)
(29) VS(V)
(28) VB(V)
(26) VDD(VH)
(25) IN(VH)
(24) VS(U)
(23) VB(U)
(21) VDD(UH)
(20) COM(H)
(19) IN(UH)
(18) RSC
(17) CSC
(16) CFOD
(15) VFO
(12) IN(UL)
(13) IN(VL)
(14) IN(WL)
(10) VDD(L)
(11) COM(L)
(22) VBD(U)
(27) VBD(V)
(32) VBD(W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com