Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LX2160A-RDB
Description  COMPLETE ENABLEMENT, RICH ECOSYSTEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB Datasheet(HTML) 2 Page - NXP Semiconductors

  LX2160A-RDB Datasheet HTML 1Page - NXP Semiconductors LX2160A-RDB Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com/LX2160
NXP, the NXP logo, CodeWarrior, and QorIQ are trademarks of NXP B.V. All other product or service names are the property of their respective owners.
Arm and Cortex are registered trademarks of Arm Limited (or its subsidiaries) in the EU and/or elsewhere. All rights reserved. © 2018 NXP B.V.
Document Number: LX2160A-RDBA4FS REV 0
Date of Release: October 2018
HARDWARE FEATURES
`
Processor
• LX2160A, 16x Arm Cortex-A72 CPU,
up to 2.2GHz
• DIP switch setting can configure
device for 8- and 12-core operation
`
Memory
• Two DDR4 UDIMM to 3200MT/s
• 32GB total capacity (16GB per
UDIMM)
• Flash: 128MB NOR, 128GB eMMC
`
Ethernet
• One 40G Etherent QSFP+
• Two 25G Ethernet SFP+
• Two RJ45 10G Ethernet
• Two RJ45 1G Ethernet
`
PCIe
• One PCIe Gen4 x8 slot
• One PCIe Gen4 x4 slot
`
Other IO
• Four SATA3.0 connectors
• One USB3.0 Type A connector
• One USB3.0 micro AB connector
• Monitoring of voltage, current,
temperature, and power on I2C bus
ORDERING INFORMATION
Two optional kits provide cabling
and transceivers for 10GE and
40GE (LX2RDBKIT1-10-40) and
25GE (LX2RDBKIT2-25G).
ORDERABLE
PART NUMBER
PRICE (USD)
LX2160A-RDB
$3995
LAYERSCAPE LX2160A-RDB BLOCK DIAGRAM
COMPLETE ENABLEMENT, RICH ECOSYSTEM
NXP’s strong legacy of networking expertise and Arm’s rapidly growing
development base provides a rich ecosystem for our customers. Our extensive
third-party ecosystem, the largest and most established in the communications
market, supports all QorIQ LS series devices. This environment also supports
the vibrant, growing Arm ecosystem, including the Linaro™ not-for-profit
engineering organization.
In conjunction with our expertise and worldwide support infrastructure, this
broad ecosystem helps customers accelerate their migration from non-NXP solutions
and legacy NXP devices, preserving investment costs and reduce time-to-market.
NXP professional services can further improve customer time to market with options
ranging from guaranteed response time support to full turnkey solutions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com