Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LX2160A-RDB
Description  COMPLETE ENABLEMENT, RICH ECOSYSTEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB Datasheet(HTML) 1 Page - NXP Semiconductors

  LX2160A-RDB Datasheet HTML 1Page - NXP Semiconductors LX2160A-RDB Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The QorIQ LX2160A reference design board is a 1U form-factor tool for evaluation
and design of value-added networking applications such as 5G packet processing,
network-function virtualization (NFV) solutions, edge computing, white box switching,
industrial applications, and storage controllers.
QorIQ® LX2160A Reference
Design Board (RDB)
OVERVIEW
The highest performance member of the Layerscape
family, the LX2160A excels at running Linux-based
networking applications. With the low power of FinFET
process technology, 16 high-performance Arm®
Cortex®-A72 cores, large caches, accelerators to 100Gbps,
100 Gigabit Ethernet, and PCIe Gen4, the Layerscape
LX2160A SoC enables machine learning, cloud-like
computing, and NFV at the network edge for greater
application responsiveness.
The QorIQ LX2160A RDB provides a comprehensive
platform that enables design and evaluation of the
LX2160A and its most popular features. It can also be used
to evaluate the other two LX2 family members (12-core
LX2120A; and 8-core LX2080A). The LX2160A reference
design is a 1U
form factor and will conform to all requirements for sale
worldwide, including certifications for FCC Part 15 Class A.
The QorIQ LX2160A RDB comes pre-loaded with NXP’s
board support package (BSP) based on a standard Linux®
kernel. Some features enabled in the BSP include:
`
Support for all IO, including 1GE, 10GE, 25GE,
40GE, 50GE, and 100GE; PCIe as both Endpoint
and Root complex
`
Yocto Project/Poky distributions
`
DPDK APIs and example applications
`
User space drivers for networking accelerator
blocks and examples applications using them
`
Virtualization: KVM, Dockers, virtio-net
`
Uboot and UEFI bootloaders
`
Standard GNU tool chain
`
Available CodeWarrior tool chain
LX2160A-RDB


Similar Part No. - LX2160A-RDB

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX21 BANNER-LX21 Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LX21 BANNER-LX21 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
LX2173 MICROSEMI-LX2173 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
Banner Engineering Corp...
LX21E BANNER-LX21E Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
More results

Similar Description - LX2160A-RDB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
logo
AZ Displays
ATM3224C-NC-FTH AZDISPLAYS-ATM3224C-NC-FTH Datasheet
807Kb / 15P
COMPLETE LCD SOLUTIONS
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M_11 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
160Kb / 2P
15 Channels Rich Featured PMU for Smart Phone
05-Dec-11
logo
Analog Devices
ADADC72 AD-ADADC72_15 Datasheet
2Mb / 8P
COMPLETE HIGH RESOLUTION
REV. B
logo
Powerex Power Semicondu...
RD750VA-SIP POWEREX-RD750VA-SIP Datasheet
122Kb / 1P
Complete Power Stage
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
Feature Rich Smartcard Interface IC
logo
Cherry Semiconductor Co...
G84-5200 CHERRY-G84-5200 Datasheet
395Kb / 2P
XS Complete Keyboard
logo
Xilinx, Inc
XC5200 XILINX-XC5200 Datasheet
584Kb / 73P
Low-cost, register/latch rich, SRAM based
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com