Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9831 Datasheet (PDF) - Analog Devices

AD9831 Datasheet PDF - Analog Devices
Part # AD9831
Download  AD9831 Download
File Size   172.11 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Complete DDS

AD9831 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9831 Datasheet PDF - Analog Devices

Part # AD9831
Download  AD9831 Click to download

File Size   172.11 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Complete DDS

AD9831 Datasheet (HTML) - Analog Devices


AD9831 Product details

GENERAL DESCRIPTION
This DDS device is a numerically controlled oscillator employing a phase accumulator, a sine look-up table and a 10-bit D/A converter integrated on a single CMOS chip. Modulation capabilities are provided for phase modulation and frequency modulation.
   
FEATURES
    3 V/5 V Power Supply
    25 MHz Speed
    On-Chip SINE Look-Up Table
    On-Chip 10-Bit DAC
    Parallel Loading
    Powerdown Option
    72 dB SFDR
    125 mW (5 V) Power Consumption
    40 mW (3 V) Power Consumption
    48-Pin LQFP
   
APPLICATIONS
    DDS Tuning
    Digital Demodulation
   




Similar Part No. - AD9831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9831 AD-AD9831 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9831 AD-AD9831 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9831ASTZ AD-AD9831ASTZ Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9831ASTZ-REEL AD-AD9831ASTZ-REEL Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
More results


Similar Description - AD9831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
CMOS Complete DDS
REV.A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
CMOS Complete DDS
REV.A
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
CMOS 300 MSPS Quadrature Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com