Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9835 Datasheet (PDF) - Analog Devices

AD9835 Datasheet PDF - Analog Devices
Part # AD9835
Download  AD9835 Download
File Size   160.1 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz CMOS Complete DDS

AD9835 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9835 Datasheet PDF - Analog Devices

Part # AD9835
Download  AD9835 Click to download

File Size   160.1 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz CMOS Complete DDS

AD9835 Datasheet (HTML) - Analog Devices


AD9835 Product details

GENERAL DESCRIPTION
The AD9835 is a numerically-controlled oscillator employing a phase accumulator, a COS lookup table, and a 10-bit digital-to-analog converter integrated on a single CMOS chip. Modulation capabilities are provided for phase modulation and frequency modulation.
Clock rates of up to 50 MHz are supported. Frequency accuracy can be controlled to one part in 4 billion. Modulation is effected by loading registers through the serial interface. A power-down bit allows the user to power down the AD9835 when it is not in use; the power consumption reduces to 1.75 mW.
This part is available in a 16-lead TSSOP package.
Similar DDS products can be found at http://www.analog.com/DDS.

FEATURES
   5 V power supply
   50 MHz speed
   On-chip COS lookup table
   On-chip, 10-bit DAC
   Serial loading
   Power-down option
   Temperature range: −40°C to +85°C
   200 mW power consumption
   16-Lead TSSOP

APPLICATIONS
   Frequency stimulus/waveform generation
   Frequency phase tuning and modulation
   Low power RF/communications systems
   Liquid and gas flow measurement
   Sensory applications: proximity, motion, and defect
      detection
   Test and medical equipment




Similar Part No. - AD9835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835 AD-AD9835 Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer
REV. A
AD9835BRU AD-AD9835BRU Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRU-REEL AD-AD9835BRU-REEL Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRU-REEL7 AD-AD9835BRU-REEL7 Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRUZ AD-AD9835BRUZ Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
More results


Similar Description - AD9835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
CMOS Complete DDS
REV.A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
CMOS Complete DDS
REV.A
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9854 AD-AD9854 Datasheet
433Kb / 44P
CMOS 300 MHz Quadrature Complete-DDS
REV.0
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com