Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9832 Datasheet (PDF) - Analog Devices

AD9832 Datasheet PDF - Analog Devices
Part # AD9832
Download  AD9832 Download
File Size   146.07 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Complete DDS

AD9832 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9832 Datasheet PDF - Analog Devices

Part # AD9832
Download  AD9832 Click to download

File Size   146.07 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Complete DDS

AD9832 Datasheet (HTML) - Analog Devices


AD9832 Product details

GENERAL DESCRIPTION
The AD9832 is a numerically controlled oscillator employing a phase accumulator, a sine look-up table, and a 10-bit digital-to-analog converter (DAC) integrated on a single CMOS chip. Modulation capabilities are provided for phase modulation and frequency modulation.

FEATURES
    25 MHz speed
    On-chip SIN lookup table
    On-chip, 10-bit DAC
    Serial loading
    Power-down option
    Temperature range: −40°C to +85°C
    200 mW power consumption
    16-Lead TSSOP

APPLICATIONS
    Frequency stimulus/waveform generation
    Frequency phase tuning and modulation
    Low power RF/communications systems
    Liquid and gas flow measurement
    Sensory applications: proximity, motion, and defect detection
    Test and medical equipment




Similar Part No. - AD9832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9832BRU AD-AD9832BRU Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRU-REEL7 AD-AD9832BRU-REEL7 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ AD-AD9832BRUZ Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ-REEL AD-AD9832BRUZ-REEL Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ-REEL7 AD-AD9832BRUZ-REEL7 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
More results


Similar Description - AD9832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
CMOS Complete DDS
REV.A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
CMOS 300 MSPS Quadrature Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com