Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854ASVZ Datasheet (PDF) - Analog Devices

AD9854ASVZ Datasheet PDF - Analog Devices
Part # AD9854ASVZ
Download  AD9854ASVZ Download
File Size   1423.67 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 300 MSPS Quadrature Complete DDS

AD9854ASVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9854ASVZ Datasheet PDF - Analog Devices

Part # AD9854ASVZ
Download  AD9854ASVZ Click to download

File Size   1423.67 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 300 MSPS Quadrature Complete DDS

AD9854ASVZ Datasheet (HTML) - Analog Devices


AD9854ASVZ Product details

GENERAL DESCRIPTION
The AD9854 digital synthesizer is a highly integrated device that uses advanced DDS technology, coupled with two internal high speed, high performance quadrature DACs to form a digitally programmable I and Q synthesizer function. When referenced to an accurate clock source, the AD9854 generates highly stable, frequency-phase, amplitude-programmable sine and cosine outputs that can be used as an agile LO in communications, radar, and many other applications. The innovative high speed DDS core of the AD9854 provides 48-bit frequency resolution (1 μHz tuning resolution with 300 MHz SYSCLK). Maintaining 17 bits ensures excellent SFDR.

FEATURES
   300 MHz internal clock rate
   FSK, BPSK, PSK, chirp, AM operation
   Dual integrated 12-bit digital-to-analog converters (DACs)
   Ultrahigh speed comparator, 3 ps rms jitter
   Excellent dynamic performance 80 dB SFDR at 100 MHz (±1 MHz) AOUT
   4× to 20× programmable reference clock multiplier
   Dual 48-bit programmable frequency registers
   Dual 14-bit programmable phase offset registers
   12-bit programmable amplitude modulation and on/off output shaped keying function
   Single-pin FSK and BPSK data interfaces
   PSK capability via input/output interface
   Linear or nonlinear FM chirp functions with single-pin frequency hold function
   Frequency-ramped FSK
   <25 ps rms total jitter in clock generator mode
   Automatic bidirectional frequency sweeping
   Sin(x)/x correction
   Simplified control interfaces
      10 MHz serial 2- or 3-wire SPI compatible
      100 MHz parallel 8-bit programming
   3.3 V single supply
   Multiple power-down functions
   Single-ended or differential input reference clock
   Small, 80-lead LQFP or TQFP with exposed pad

APPLICATIONS
   Agile, quadrature LO frequency synthesis
   Programmable clock generators
   FM chirp source for radar and scanning systems
   Test and measurement equipment
   Commercial and amateur RF exciters




Similar Part No. - AD9854ASVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9854ASVZ AD-AD9854ASVZ Datasheet
799Kb / 42P
CMOS 300 MSPS Quadrature Complete DDS
Rev. F
More results


Similar Description - AD9854ASVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
CMOS Complete DDS
REV.A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
CMOS Complete DDS
REV.A
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9854 AD-AD9854 Datasheet
433Kb / 44P
CMOS 300 MHz Quadrature Complete-DDS
REV.0
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9854 AD-AD9854_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Quadrature Complete DDS
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com