Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854ASVZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9854ASVZ
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASVZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9854ASVZ Datasheet HTML 3Page - Analog Devices AD9854ASVZ Datasheet HTML 4Page - Analog Devices AD9854ASVZ Datasheet HTML 5Page - Analog Devices AD9854ASVZ Datasheet HTML 6Page - Analog Devices AD9854ASVZ Datasheet HTML 7Page - Analog Devices AD9854ASVZ Datasheet HTML 8Page - Analog Devices AD9854ASVZ Datasheet HTML 9Page - Analog Devices AD9854ASVZ Datasheet HTML 10Page - Analog Devices AD9854ASVZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD9854
Rev. E | Page 7 of 52
AD9854ASVZ
AD9854ASTZ
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
PARALLEL I/O TIMING CHARACTERISTICS
tASU (Address Setup Time to WR Signal Active)
Full
IV
8.0
7.5
8.0
7.5
ns
tADHW (Address Hold Time to WR Signal Inactive)
Full
IV
0
0
ns
tDSU (Data Setup Time to WR Signal Inactive)
Full
IV
3.0
1.6
3.0
1.6
ns
tDHD (Data Hold Time to WR Signal Inactive)
Full
IV
0
0
ns
tWRLOW (WR Signal Minimum Low Time)
Full
IV
2.5
1.8
2.5
1.8
ns
tWRHIGH (WR Signal Minimum High Time)
Full
IV
7
7
ns
tWR (Minimum WR Time)
Full
IV
10.5
10.5
ns
tADV (Address to Data Valid Time)
Full
V
15
15
15
15
ns
tADHR (Address Hold Time to RD Signal Inactive)
Full
IV
5
5
ns
tRDLOV (RD Low to Output Valid)
Full
IV
15
15
ns
tRDHOZ (RD High to Data Three-State)
Full
IV
10
10
ns
SERIAL I/O TIMING CHARACTERISTICS
tPRE (CS Setup Time)
Full
IV
30
30
ns
tSCLK (Period of Serial Data Clock)
Full
IV
100
100
ns
tDSU (Serial Data Setup Time)
Full
IV
30
30
ns
tSCLKPWH (Serial Data Clock Pulse Width High)
Full
IV
40
40
ns
tSCLKPWL (Serial Data Clock Pulse Width Low)
Full
IV
40
40
ns
tDHLD (Serial Data Hold Time)
Full
IV
0
0
ns
tDV (Data Valid Time)
Full
V
30
30
ns
CMOS LOGIC INPUTS10
Logic 1 Voltage
25°C
I
2.2
2.2
V
Logic 0 Voltage
25°C
I
0.8
0.8
V
Logic 1 Current
25°C
IV
±5
±12
μA
Logic 0 Current
25°C
IV
±5
±12
μA
Input Capacitance
25°C
V
3
3
pF
POWER SUPPLY11, 15
VS Current11, 12, 15
25°C
I
1050
1210
755
865
mA
VS Current11, 13, 15
25°C
I
710
816
515
585
mA
VS Current14
25°C
I
600
685
435
495
mA
PDISS11, 12, 15
25°C
I
3.475
4.190
2.490
3.000
W
PDISS11, 13, 15
25°C
I
2.345
2.825
1.700
2.025
W
PDISS14
25°C
I
1.975
2.375
1.435
1.715
W
PDISS Power-Down Mode
25°C
I
1
50
1
50
mW
1 The reference clock inputs are configured to accept a 1 V p-p (typical) dc offset square or sine wave centered at one-half the applied VDD or a 3 V TTL-level pulse input.
2 An internal 400 mV p-p differential voltage swing equates to 200 mV p-p applied to both REFCLK input pins.
3 The I and Q gain imbalance is digitally adjustable to less than 0.01 dB.
4 Pipeline delays of each individual block are fixed; however, if the first eight MSBs of a tuning word are 0s, the delay appears longer. This is due to insufficient phase
accumulation per system clock period to produce enough LSB amplitude to the DAC.
5 If a feature such as the inverse sinc, which has 16 pipeline delays, can be bypassed, the total delay is reduced by that amount.
6 The I/O UD CLK transfers data from the I/O port buffers to the programming registers. This transfer is measured in system clocks.
7 Change in duty cycle from 1 MHz to 100 MHz with 1 V p-p sine wave input and 0.5 V threshold.
8 Represents the comparator’s inherent cycle-to-cycle jitter contribution. The input signal is a 1 V, 40 MHz square wave, and the measurement device is a Wavecrest DTS-2075.
9 Comparator input originates from the analog output section via the external 7-pole elliptic low-pass filter. Single-ended input, 0.5 V p-p. Comparator output
terminated in 50 Ω.
10 Avoid overdriving digital inputs. (Refer to the equivalent circuits in Figure 3.)
11 If all device functions are enabled, it is not recommended to simultaneously operate the device at the maximum ambient temperature of 85°C and at the maximum
internal clock frequency. This configuration may result in violating the maximum die junction temperature of 150°C. Refer to the Power Dissipation and Thermal
Considerations section for derating and thermal management information.
12 All functions engaged.
13 All functions except inverse sinc engaged.
14 All functions except inverse sinc and digital multipliers engaged.
15 In most cases, disabling the inverse sinc filter reduces power consumption by approximately 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com