Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854ASVZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9854ASVZ
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASVZ Datasheet(HTML) 1 Page - Analog Devices

  AD9854ASVZ Datasheet HTML 1Page - Analog Devices AD9854ASVZ Datasheet HTML 2Page - Analog Devices AD9854ASVZ Datasheet HTML 3Page - Analog Devices AD9854ASVZ Datasheet HTML 4Page - Analog Devices AD9854ASVZ Datasheet HTML 5Page - Analog Devices AD9854ASVZ Datasheet HTML 6Page - Analog Devices AD9854ASVZ Datasheet HTML 7Page - Analog Devices AD9854ASVZ Datasheet HTML 8Page - Analog Devices AD9854ASVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
CMOS 300 MSPS Quadrature
Complete DDS
AD9854
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2007 Analog Devices, Inc. All rights reserved.
FEATURES
300 MHz internal clock rate
FSK, BPSK, PSK, chirp, AM operation
Dual integrated 12-bit digital-to-analog converters (DACs)
Ultrahigh speed comparator, 3 ps rms jitter
Excellent dynamic performance
80 dB SFDR at 100 MHz (±1 MHz) AOUT
4× to 20× programmable reference clock multiplier
Dual 48-bit programmable frequency registers
Dual 14-bit programmable phase offset registers
12-bit programmable amplitude modulation and
on/off output shaped keying function
Single-pin FSK and BPSK data interfaces
PSK capability via input/output interface
Linear or nonlinear FM chirp functions with single-pin
frequency hold function
Frequency-ramped FSK
<25 ps rms total jitter in clock generator mode
Automatic bidirectional frequency sweeping
Sin(x)/x correction
Simplified control interfaces
10 MHz serial 2- or 3-wire SPI compatible
100 MHz parallel 8-bit programming
3.3 V single supply
Multiple power-down functions
Single-ended or differential input reference clock
Small, 80-lead LQFP or TQFP with exposed pad
APPLICATIONS
Agile, quadrature LO frequency synthesis
Programmable clock generators
FM chirp source for radar and scanning systems
Test and measurement equipment
Commercial and amateur RF exciters
FUNCTIONAL BLOCK DIAGRAM
DIGITAL MULTIPLIERS
SYSTEM
CLOCK
DAC RSET
INV
SINC
FILTER
I/O PORT BUFFERS
COMPARATOR
PROGRAMMING REGISTERS
DIFF/SINGLE
SELECT
REFERENCE
CLOCK IN
FSK/BPSK/HOLD
DATA IN
BIDIRECTIONAL
INTERNAL/EXTERNAL
I/O UPDATE CLOCK
READ
WRITE
SERIAL/
PARALLEL
SELECT
6-BIT ADDRESS
OR SERIAL
PROGRAMMING
LINES
8-BIT
PARALLEL
LOAD
MASTER
RESET
+VS
GND
CLOCK
OUT
ANALOG
IN
OSK
ANALOG
OUT
ANALOG
OUT
PROGRAMMABLE
AMPLITUDE AND
RATE CONTROL
D
Q
CK
÷2
INT
EXT
SYSTEM
CLOCK
REF
CLK
BUFFER
SYSTEM
CLOCK
MUX
DELTA
FREQUENCY
RATE TIMER
SYSTEM
CLOCK
DELTA
FREQUENCY
WORD
FREQUENCY
TUNING
WORD 1
FREQUENCY
TUNING
WORD 2
FIRST 14-BIT
PHASE/OFFSET
WORD
SECOND 14-BIT
PHASE/OFFSET
WORD
12-BIT DC
CONTROL
MUX
SYSTEM CLOCK
DDS CORE
12-BIT
I
DAC
12-BIT
Q DAC OR
CONTROL
DAC
I
Q
12
MUX
MUX
SYSTEM
CLOCK
SYSTEM
CLOCK
48
48
48
14
14
BUS
12
12
14
17
17
48
48
48
AD9854
MODE SELECT
2
3
12
INV
SINC
FILTER
12
12
12
12
I AND Q 12-BIT
AM MODULATION
4× TO 20×
REF CLK
MULTIPLIER
INTERNAL
PROGRAMMABLE
UPDATE CLOCK
Figure 1.


Similar Part No. - AD9854ASVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9854ASVZ AD-AD9854ASVZ Datasheet
799Kb / 42P
CMOS 300 MSPS Quadrature Complete DDS
Rev. F
More results

Similar Description - AD9854ASVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
CMOS Complete DDS
REV.A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
CMOS Complete DDS
REV.A
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9854 AD-AD9854 Datasheet
433Kb / 44P
CMOS 300 MHz Quadrature Complete-DDS
REV.0
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9854 AD-AD9854_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Quadrature Complete DDS
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com