Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854ASVZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9854ASVZ
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASVZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9854ASVZ Datasheet HTML 12Page - Analog Devices AD9854ASVZ Datasheet HTML 13Page - Analog Devices AD9854ASVZ Datasheet HTML 14Page - Analog Devices AD9854ASVZ Datasheet HTML 15Page - Analog Devices AD9854ASVZ Datasheet HTML 16Page - Analog Devices AD9854ASVZ Datasheet HTML 17Page - Analog Devices AD9854ASVZ Datasheet HTML 18Page - Analog Devices AD9854ASVZ Datasheet HTML 19Page - Analog Devices AD9854ASVZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
AD9854
Rev. E | Page 16 of 52
TYPICAL APPLICATIONS
LPF
REFCLK
RF/IF
INPUT
I BASEBAND
COS
LPF
LPF
AD9854
Q BASEBAND
LPF
SIN
CHANNEL
SELECT
FILTERS
Figure 25. Quadrature Downconversion
LPF
REFCLK
COS
LPF
AD9854
SIN
RF OUTPUT
I BASEBAND
Q BASEBAND
Figure 26. Direct Conversion Quadrature Upconverter
I
Q
Rx
RF IN
DUAL
8-/10-BIT
ADC
DIGITAL
DEMODULATOR
Rx BASEBAND
DIGITAL DATA
OUT
8
8
I/Q MIXER
AND
LOW-PASS
FILTER
VCA
ADC ENCODE
ADC CLOCK FREQUENCY
LOCKED TO Tx CHIP/
SYMBOL/PN RATE
REFERENCE
CLOCK
48
CHIP/SYMBOL/PN
RATE DATA
AD9854
CLOCK
GENERATOR
AGC
Figure 27. Chip Rate Generator in Spread Spectrum Application
50Ω
BAND-PASS
FILTER
50Ω
IOUT
AD9854
FUNDAMENTAL
FC –FO
IMAGE
FCLK
FC +FO
IMAGE
BAND-PASS
FILTER
FC +FO
IMAGE
AD9854
SPECTRUM
FINAL OUTPUT
SPECTRUM
AMPLIFIER
Figure 28. Using an Aliased Image to Generate a High Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com