Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854ASVZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9854ASVZ
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASVZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9854ASVZ Datasheet HTML 23Page - Analog Devices AD9854ASVZ Datasheet HTML 24Page - Analog Devices AD9854ASVZ Datasheet HTML 25Page - Analog Devices AD9854ASVZ Datasheet HTML 26Page - Analog Devices AD9854ASVZ Datasheet HTML 27Page - Analog Devices AD9854ASVZ Datasheet HTML 28Page - Analog Devices AD9854ASVZ Datasheet HTML 29Page - Analog Devices AD9854ASVZ Datasheet HTML 30Page - Analog Devices AD9854ASVZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
AD9854
Rev. E | Page 27 of 52
HOLD
F1
0
MODE
TW1
DFW
000 (DEFAULT)
0
RAMP RATE
011 (CHIRP)
F1
DELTA FREQUENCY WORD
RAMP RATE
I/O UD CLK
Figure 47. Example of Hold Function
BPSK DATA
360
0
MODE
FTW1
PHASE ADJUST 1
000 (DEFAULT)
0
PHASE ADJUST 2
100 (BPSK)
F1
270°
90°
I/O UD CLK
Figure 48. BPSK Mode
The 32-bit automatic I/O update counter can be used to
construct complex chirp or ramped FSK sequences. Because
this internal counter is synchronized with the AD9854 system
clock, precisely timed program changes are possible. For such
changes, the user need only reprogram the desired registers
before the automatic I/O update clock is generated.
In chirp mode, the destination frequency is not directly specified.
If the user fails to control the chirp, the DDS automatically confines
itself to the frequency range between dc and Nyquist. Unless
terminated by the user, the chirp continues until power is removed.
When the chirp destination frequency is reached, the user can
choose any of the following actions:
•
Stop at the destination frequency by using the HOLD pin
or by loading all 0s into the delta frequency word registers
of the frequency accumulator (ACC1).
•
Use the HOLD pin function to stop the chirp, and then ramp
down the output amplitude by using the digital multiplier
stages and the output shaped keying pin (Pin 30), or by using
the program register control (Address 21 to Address 24 hex).
•
Abruptly end the transmission with the CLR ACC2 bit.
•
Continue chirp by reversing direction and returning to
the previous or another destination frequency in a linear or
user-directed manner. If this involves reducing the
frequency, a negative 48-bit delta frequency word (the
MSB is set to 1) must be loaded into Register 10 hex to
Register 15 hex. Any decreasing frequency step of the delta
frequency word requires the MSB to be set to logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com