Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852 Datasheet (PDF) - Analog Devices

AD9852 Datasheet PDF - Analog Devices
Part # AD9852
Download  AD9852 Download
File Size   424.67 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 300 MHz Complete-DDS

AD9852 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9852 Datasheet PDF - Analog Devices

Part # AD9852
Download  AD9852 Click to download

File Size   424.67 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 300 MHz Complete-DDS

AD9852 Datasheet (HTML) - Analog Devices


AD9852 Product details

GENERAL DESCRIPTION
The AD9852 digital synthesizer is a highly integrated device that uses advanced DDS technology, coupled with an internal high speed, high performance D/A converter to form a digitally programmable, agile synthesizer function. When referenced to an accurate clock source, the AD9852 generates a highly stable frequency-, phase-, and amplitude-programmable cosine output that can be used as an agile LO in communications, radar, and many other applications. The innovative high speed DDS core of the AD9852 provides 48-bit frequency resolution (1 μHz tuning resolution with 300 MHz SYSCLK). Maintaining 17 bits ensures excellent SFDR.

FEATURES
  300 MHz internal clock rate
  FSK, BPSK, PSK, chirp, AM operation
  Dual integrated 12-bit D/A converters
  Ultrahigh speed comparator, 3 ps rms jitter
  Excellent dynamic performance 80 dB SFDR at 100 MHz (±1 MHz) AOUT
  4× to 20× programmable reference clock multiplier
  Dual 48-bit programmable frequency registers
  Dual 14-bit programmable phase offset registers
  12-bit programmable amplitude modulation and on/off output shaped keying function
  Single-pin FSK and BPSK data interfaces
  PSK capability via I/O interface
  Linear or nonlinear FM chirp functions with single pin frequency hold function
  Frequency ramped FSK
  <25 ps rms total jitter in clock generator mode
  Automatic bidirectional frequency sweeping
  Sin(x)/x correction
  Simplified control interface
     10 MHz serial 2-wire or 3-wire SPI-compatible
     100 MHz parallel 8-bit programming
  3.3 V single supply
  Multiple power-down functions
  Single-ended or differential input reference clock
  Small, 80-lead LQFP or TQFP with exposed pad

APPLICATIONS
  Agile LO frequency synthesis
  Programmable clock generator
  FM chirp source for radar and scanning systems
  Test and measurement equipment
  Commercial and amateur RF exciter




Similar Part No. - AD9852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9852/PCB AD-AD9852/PCB Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852/PCB AD-AD9852/PCB Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852AST AD-AD9852AST Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852AST AD-AD9852AST Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
More results


Similar Description - AD9852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9854 AD-AD9854 Datasheet
433Kb / 44P
CMOS 300 MHz Quadrature Complete-DDS
REV.0
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
CMOS 300 MSPS Quadrature Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9854 AD-AD9854_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Quadrature Complete DDS
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com