Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 3 Page - Analog Devices

  AD9852 Datasheet HTML 1Page - Analog Devices AD9852 Datasheet HTML 2Page - Analog Devices AD9852 Datasheet HTML 3Page - Analog Devices AD9852 Datasheet HTML 4Page - Analog Devices AD9852 Datasheet HTML 5Page - Analog Devices AD9852 Datasheet HTML 6Page - Analog Devices AD9852 Datasheet HTML 7Page - Analog Devices AD9852 Datasheet HTML 8Page - Analog Devices AD9852 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
–3–
REV. 0
AD9852
Test
AD9852ASQ
AD9852AST
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
MASTER RESET DURATION
25
°C
IV
10
10
SysClk Cycles
COMPARATOR INPUT CHARACTERISTICS
Input Capacitance
25
°CV
3
3
pF
Input Resistance
25
°C
IV
500
500
±1kΩ
Input Current
25
°CI
±1
±5
±1
±5
µA
Hysteresis
25
°C
IV
10
20
10
20
mV p-p
COMPARATOR OUTPUT CHARACTERISTICS
Logic “1” Voltage, High Z Load
FULL
VI
3.10
3.10
V
Logic “0” Voltage, High Z Load
FULL
VI
0.16
0.16
V
Output Power, 50
Ω Load, 120 MHz Toggle Rate 25°C
I
9
11
9
11
dBm
Propagation Delay
25
°CIV
3
3
ns
Output Duty Cycle Error2
25
°CI
–10
±1
+10
–10
±1
+10
%
Rise/Fall Time, 5 pF Load
25
°CV
2
2
ns
Toggle Rate, High Z Load
25
°C
IV
300
350
300
350
MHz
Toggle Rate, 50
Ω Load
25
°C
IV
375
400
375
400
MHz
Output Cycle-to-Cycle Jitter3
25
°C
IV
3
3
ps rms
COMPARATOR NARROWBAND SFDR4
10 MHz (
±1 MHz)
25
°C
V
84
84
dBc
10 MHz (
±250 kHz)
25
°C
V
84
84
dBc
10 MHz (
±50 kHz)
25
°C
V
92
92
dBc
41 MHz (
±1 MHz)
25
°C
V
76
76
dBc
41 MHz (
±250 kHz)
25
°C
V
82
82
dBc
41 MHz (
±50 kHz)
25
°C
V
89
89
dBc
119 MHz (
±1 MHz)
25
°C
V
73
73
dBc
119 MHz (
± 250 kHz)
25
°C
V
73
73
dBc
119 MHz (
± 50 kHz)
25
°C
V
83
83
dBc
CLOCK GENERATOR OUTPUT JITTER4
5 MHz AOUT
25
°C
V
23
23
ps rms
40 MHz AOUT
25
°C
V
12
12
ps rms
100 MHz AOUT
25
°C
V
7
7
ps rms
PARALLEL I/O TIMING CHARACTERISTICS
TASU (Address Setup Time to WR Signal Active)
FULL
IV
4
4
ns
TADHW (Address Hold Time to WR Signal Inactive)
FULL
IV
3
3
ns
TDSU (Data Setup Time to WR Signal Inactive)
FULL
IV
2
2
ns
TDHD (Data Hold Time to WR Signal Inactive)
FULL
IV
0
0
ns
TWRLOW (WR Signal Minimum Low Time)
FULL
IV
3
3
ns
TWRHIGH (WR Signal Minimum High Time)
FULL
IV
7
7
ns
TWR (WR Signal Minimum Period)
FULL
IV
10
10
ns
TADV (Address to Data Valid Time)
FULL
V
15
15
15
15
ns
TADHR (Address Hold Time to RD Signal Inactive)
FULL
IV
5
5
ns
TRDLOV (RD Low-to-Output Valid)
FULL
IV
15
15
ns
TRDHOZ (RD High-to-Data Three-State)
FULL
IV
10
10
ns
SERIAL I/O TIMING CHARACTERISTICS
TPRE (CS Setup Time)
FULL
IV
30
30
ns
TSCLK (Period of Serial Data Clock)
FULL
IV
100
100
ns
TDSU (Serial Data Setup Time)
FULL
IV
30
30
ns
TSCLKPWH (Serial Data Clock Pulsewidth High)
FULL
IV
40
40
ns
TSCLKPWL (Serial Data Clock Pulsewidth Low)
FULL
IV
40
40
ns
TDHLD (Serial Data Hold Time)
FULL
IV
0
0
ns
TDV (Data Valid Time)
FULL
V
30
30
ns
CMOS LOGIC INPUTS
Logic “1” Voltage
25
°C
I
2.7
2.7
V
Logic “0” Voltage
25
°C
I
0.4
0.4
V
Logic “1” Current
25
°CIV
±5
±5
µA
Logic “0” Current
25
°CIV
±5
±5
µA
Input Capacitance
25
°CV
3
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com