Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9852 Datasheet HTML 17Page - Analog Devices AD9852 Datasheet HTML 18Page - Analog Devices AD9852 Datasheet HTML 19Page - Analog Devices AD9852 Datasheet HTML 20Page - Analog Devices AD9852 Datasheet HTML 21Page - Analog Devices AD9852 Datasheet HTML 22Page - Analog Devices AD9852 Datasheet HTML 23Page - Analog Devices AD9852 Datasheet HTML 24Page - Analog Devices AD9852 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
AD9852
–21–
REV. 0
20-BIT
RAMP RATE
CLOCK
48-BIT DELTA-
FREQUENCY
WORD
FREQUENCY
ACCUMULATOR
PHASE
ACCUMULATOR
OUT
ADDER
SYSTEM
CLOCK
CLR ACC2
CLR ACC1
FREQUENCY
TUNING
WORD 1
HOLD
Figure 44. FM Chirp Components
Basic FM Chirp Programming Steps
1. Program a start frequency into Frequency Tuning Word 1
(parallel register addresses 4–9 hex) hereafter called FTW1.
2. Program the frequency step resolution into the 48-bit, twos
complement, Delta Frequency Word (parallel register addresses
10–15 hex).
3. Program the rate of change (time at each frequency) into the
20-bit Ramp Rate Clock (parallel register addresses 1A–C).
4. When programming is complete, an I/O update pulse at Pin
20 will engage the program commands.
The necessity for a twos complement Delta Frequency Word is
to define the direction in which the FM chirp will move. If the
48-bit delta frequency word is negative (MSB is high), the
incremental frequency changes will be in a negative direction from
FTW1. If the 48-bit word is positive (MSB is low), the incre-
mental frequency changes will be in a positive direction.
F1
0
010 (RAMPED FSK)
F1
000 (DEFAULT)
0
MODE
TW1
DFW
RAMP RATE
Figure 43. Example of a Nonlinear Chirp
It is important to note that the FTW1 is only a starting point for
FM chirp. There is no built-in restraint requiring a return to
FTW1. Once the FM chirp has left FTW1 it is free to move
(under program control) within the Nyquist bandwidth (dc to
1/2 system clock). Instant return to FTW1 is easily achieved,
though, and this option is explained in the next few paragraphs.
Two control bits are available in the FM Chirp mode that will
allow practically instantaneous return to the beginning frequency,
FTW1, or to 0 Hz. First, CLR ACC1 bit, register address 1F
hex will, if set high, clear the 48-bit frequency accumulator (ACC1)
output with a retriggerable one-shot pulse of one system clock
duration. The 48-bit Delta Frequency Word input to the accu-
mulator is unaffected by CLR ACC1 bit. If the CLR ACC1 bit
is left high, a one-shot pulse will be delivered to the Frequency
Accumulator (ACC1) on every rising edge of the I/O Update
Clock. The effect is to interrupt the current chirp, reset the
frequency back to FTW1, and continue the chirp at the previously
programmed rate and direction. Clearing the Frequency
Accumulator in the chirp mode is illustrated in Figure 45. Not
shown in the diagram is the I/O update signal, which is either
user-supplied or internally generated. A discussion of I/O Update
is presented elsewhere in this data sheet.
Next, CLR ACC2 control bit (register address 1F hex) is available to
clear both the frequency accumulator (ACC1) and the phase
accumulator (ACC2). When this bit is set high, the output of the
phase accumulator will result in 0 Hz output from the DDS. As
long as this bit is set high, the frequency and phase accumulators
will be cleared, resulting in 0 Hz output. To return to previous
DDS operation, CLR ACC2 must be set to logic low. This bit is
useful in generating pulsed FM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com