Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9852 Datasheet HTML 9Page - Analog Devices AD9852 Datasheet HTML 10Page - Analog Devices AD9852 Datasheet HTML 11Page - Analog Devices AD9852 Datasheet HTML 12Page - Analog Devices AD9852 Datasheet HTML 13Page - Analog Devices AD9852 Datasheet HTML 14Page - Analog Devices AD9852 Datasheet HTML 15Page - Analog Devices AD9852 Datasheet HTML 16Page - Analog Devices AD9852 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
AD9852
–13–
REV. 0
TUNING
WORD
VCO
LOOP
FILTER
PHASE
COMPARATOR
REF
CLOCK
RF
FREQUENCY
OUT
FILTER
AD9852
DDS
DIVIDE-BY-N
Figure 28. Agile High-Frequency Synthesizer
PROCESSOR/
CONTROLLER
FPGA, ETC.
RSET
8-BIT PARALLEL OR
SERIAL PROGRAMMING
DATA AND CONTROL
SIGNALS
AD9852
CMOS LOGIC "CLOCK" OUT
REFERENCE
CLOCK
300MHz MAX DIRECT
MODE OR 15 TO 75MHz
MAX IN THE 4 -20
CLOCK
MULTIPLIER MODE
2k
CONTROL
"I" DAC
1
2
NOTES:
IOUT = APPROX 20mA MAX WHEN RSET = 2k
SWITCH POSTION 1 PROVIDES COMPLEMENTARY SINUSOIDAL SIGNALS TO THE COMPARATOR
TO PRODUCE A FIXED 50% OUTPUT DUTY CYCLE FROM THE COMPARATOR.
SWITCH POSTION 2 PROVIDES A USER PROGRAMMABLE DC THRESHOLD VOLTAGE TO ALLOW
SETTING OF THE COMPARATOR OUTPUT DUTY CYCLE.
LOW-PASS
FILTER
LOW-PASS
FILTER
Figure 30. Frequency Agile Clock Generator Applications for the AD9852
(continued from page 1)
generation of a sine output at frequencies up to 150 MHz, which
can be digitally tuned at a rate of up to 100 million new frequencies
per second. The (externally filtered) sine wave output can be
converted to a square wave by the internal comparator for agile
clock generator applications. The device provides 14 bits of
digitally-controlled phase modulation and single-pin PSK. The
on-board 12-bit DAC, coupled with the innovative DDS
architecture, provide excellent wideband and narrowband out-
put SFDR. There is also an auxiliary DAC that can be configured
as a user-programmable control DAC. When configured with
the on-board comparator, the 12-bit control DAC facilitates
duty cycle control, in the high-speed clock generator application. A
12-bit digital multiplier permits programmable amplitude modu-
lation, shaped on/off keying and precise amplitude control of
the output. Chirp functionality is also included which facilitates
wide bandwidth frequency sweeping applications. The AD9852’s
programmable 4
×–20× REFCLK multiplier circuit generates
the 300 MHz clock internally from a lower frequency external
reference clock. This saves the user the expense and difficulty of
implementing a 300 MHz clock source. Direct 300 MHz clocking
is also accommodated with either single-ended or differential
inputs. Single-pin conventional FSK and the enhanced spectral
qualities of “ramped” FSK are supported. The AD9852 uses
advanced 0.35 micron CMOS technology to provide this high
level of functionality on a single 3.3 V supply.
The AD9852 is available in a space-saving 80-lead LQFP
surface-mount package and a thermally-enhanced 80-lead LQFP
package. The AD9852 is pin-for-pin compatible with the AD9854
quadrature output synthesizer device. It is specified to operate over
the extended industrial temperature range of –40
°C to +85°C.
OVERVIEW
The AD9852 digital synthesizer is a highly flexible device that
will address a wide range of applications. The device consists
of an NCO with 48-bit phase accumulator, programmable ref-
erence clock multiplier, inverse sinc filters, digital multipliers,
two 12-bit/300 MHz DACs, high-speed analog comparator,
and interface logic. This highly integrated device can be config-
ured to serve as a synthesized L.O., agile clock generator, and
FSK/BPSK modulator. The theory of operation of the func-
tional blocks of the device, and a technical description of the
signal flow through a DDS device, can be found in a tutorial
from Analog Devices, called, “A Technical Tutorial on Digital
Signal Synthesis.” This tutorial is available on CD-ROM and
information on obtaining it can be found at the Analog Devices
DDS website at www.analog.com/dds. The tutorial also
provides basic applications information for a variety of digital
synthesis implementations. The DDS background subject matter is
not covered in this data sheet; the functions and features of
the AD9852 will be individually discussed herein.
REFERENCE
CLOCK
50
1:1 TRANSFORMER
I.E. MINI-CIRCUITS T1–1T
FILTER
50
DIFFERENTIAL
TRANSFORMER-COUPLED
OUTPUT
AD9852
DDS
IOUT
IOUT
Figure 29. Differential Output Connection for Reduction of
Common-Mode Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com