Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9852 Datasheet HTML 14Page - Analog Devices AD9852 Datasheet HTML 15Page - Analog Devices AD9852 Datasheet HTML 16Page - Analog Devices AD9852 Datasheet HTML 17Page - Analog Devices AD9852 Datasheet HTML 18Page - Analog Devices AD9852 Datasheet HTML 19Page - Analog Devices AD9852 Datasheet HTML 20Page - Analog Devices AD9852 Datasheet HTML 21Page - Analog Devices AD9852 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
AD9852
–18–
REV. 0
Unramped FSK (Mode 001)
When selected, the output frequency of the DDS is a function
of the values loaded into Frequency Tuning Word registers 1
and 2 and the logic level of Pin 29 (FSK/BPSK/HOLD). A logic
low on Pin 29 chooses F1 (frequency tuning word 1, parallel
address 4–9 hex) and a logic high chooses F2 (frequency tuning
word 2, parallel register address A–F hex). Changes in frequency
are phase-continuous and practically instantaneous. (Please refer to
pipeline delays in specification table.) Other than F2 and Pin 29
becoming active, this mode is identical to single-tone.
The unramped FSK mode, Figure 36, is representative of
traditional FSK, RTTY (Radio Teletype) or TTY (Teletype)
transmission of digital data. Frequency transitions occur nearly
instantaneously from F1 to F2. This simple method works
extremely well and is the most reliable form of digital communica-
tion, but it is also wasteful of RF spectrum.
See the following Ramped FSK section for an alternative FSK
method that conserves bandwidth.
Ramped FSK (Mode = 010)
A method of FSK whereby changes from F1 to F2 are not
instantaneous but instead are accomplished in a frequency
sweep or “ramped” fashion. The “ramped” notation implies
that the sweep is linear. While linear sweeping or frequency
ramping is easily and automatically accomplished, it is only one
of many possibilities. Other frequency transition schemes may
be implemented by changing the ramp rate and ramp step size
“on-the-fly,” in piecewise fashion.
Frequency ramping, whether linear or nonlinear, necessitates
that many intermediate frequencies between F1 and F2 will be
output in addition to the primary F1 and F2 frequencies. Fig-
ures 37 and 38 graphically depict the frequency versus time
characteristics of a linear ramped FSK signal.
The purpose of ramped FSK is to provide better bandwidth
containment than traditional FSK by replacing the instantaneous
frequency changes with more gradual, user-defined frequency
changes. The dwell time at F1 and F2 can be equal to or much
greater than the time spent at each intermediate frequency. The
user controls the dwell time at F1 and F2, the number of inter-
mediate frequencies and time spent at each frequency. Unlike
unramped FSK, ramped FSK requires the lowest frequency to be
loaded into F1 registers and the highest frequency into F2 registers.
Several registers must be programmed to instruct the DDS
regarding the resolution of intermediate frequency steps (48
bits) and the time spent at each step (20 bits). Furthermore, the
CLR ACC1 bit in the control register should be toggled (low-high-
low) prior to operation to assure that the frequency accumulator
is starting from an “all zeros” output condition. For piecewise,
nonlinear frequency transitions, it is necessary to reprogram the
registers while the frequency transition is in progress to affect the
desired response.
F1
F2
0
MODE
TW1
TW2
FSK DATA (PIN 29)
001 (FSK NO RAMP)
F1
F2
000 (DEFAULT)
0
0
Figure 36. Traditional FSK Mode
F1
F2
0
MODE
TW1
TW2
FSK DATA (PIN 29)
010 (RAMPED FSK)
F1
F2
000 (DEFAULT)
0
0
Figure 37. Ramped FSK Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com