Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9852 Datasheet HTML 21Page - Analog Devices AD9852 Datasheet HTML 22Page - Analog Devices AD9852 Datasheet HTML 23Page - Analog Devices AD9852 Datasheet HTML 24Page - Analog Devices AD9852 Datasheet HTML 25Page - Analog Devices AD9852 Datasheet HTML 26Page - Analog Devices AD9852 Datasheet HTML 27Page - Analog Devices AD9852 Datasheet HTML 28Page - Analog Devices AD9852 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AD9852
–25–
REV. 0
Table V. Register Layout. Shaded Sections Comprise the Control Register
Parallel
Serial
Address
Address
AD9852 Register Layout
Default
Hex
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value
00
0
Phase Adjust Register #1 <13:8> (Bits 15, 14 don’t care)
Phase 1
00h
01
Phase Adjust Register #1 <7:0>
00h
02
1
Phase Adjust Register #2 <13:8:> (Bits 15, 14 don’t care)
Phase 2
00h
03
Phase Adjust Register #2 <7:0>
00h
04
2
Frequency Tuning Word 1 <47:0>
Frequency 1
00h
05
Frequency Tuning Word 1 <39:32>
00h
06
Frequency Tuning Word 1 <31:24>
00h
07
Frequency Tuning Word 1 <23:16>
00h
08
Frequency Tuning Word 1 <15:8>
00h
09
Frequency Tuning Word 1 <7:0>
00h
0A
3
Frequency Tuning Word 2 <47:40>
Frequency 2
00h
0B
Frequency Tuning Word 2 <39:32>
00h
0C
Frequency Tuning Word 2 <31:24>
00h
0D
Frequency Tuning Word 2 <23:16>
00h
0E
Frequency Tuning Word 2 <15:8>
00h
0F
Frequency Tuning Word 2 <7:0>
00h
10
4
Delta Frequency Word <47:40>
00h
11
Delta Frequency Word <39:32>
00h
12
Delta Frequency Word <31:24>
00h
13
Delta Frequency Word <23:16>
00h
14
Delta Frequency Word <15:8>
00h
15
Delta Frequency Word <7:0>
00h
16
5
Update Clock <31:24>
00h
17
Update Clock <23:16>
00h
18
Update Clock <15:8>
00h
19
Update Clock <7:0>
40h
1A
6
Ramp Rate Clock <19:16> (Bits 23, 22, 21, 20 don’t care)
00h
1B
Ramp Rate Clock <15:8>
00h
1C
Ramp Rate Clock <7:0>
00h
1D
7
Don’t
Don’t
Don’t
Comp PD
Reserved,
Control
DAC PD
DIG PD
00h
Care
Care
Care
Always
DAC PD
1E
Low
1F
Don’t
PLL
Bypass
Ref Mult 4
Ref Mult 3
Ref Mult 2
Ref Mult 1
Ref Mult 0
64h
Care
Range
PLL
20
CLR
CLR
Triangle
Don’t Care
Mode 2
Mode 1
Mode 0
Int Update
01h
ACC 1
ACC 2
Clk
Don’t
Bypass
OSK EN
OSK INT
Don’t
Don’t
LSB First
SDO
20h
Care
Inv
Care
Care
Active
Sinc
21
8
Output Shape Key I Mult <11:8> (Bits 15, 14, 13, 12 don’t care)
00h
22
Output Shape Key I Mult <7:0>
00h
23
9
Output Shape Key Q Mult <11:8> (Bits 15, 14, 13, 12 don’t care)
00h
24
Output Shape Key Q Mult <7:0>
00h
25
A
Output Shape Key Ramp Rate <7:0>
80h
26
B
QDAC <11:8> (Bits 15, 14, 13, 12 don’t care)
00h
27
QDAC <7:0>
(Data is required to be in twos-complement format)
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com