Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9852 Datasheet HTML 18Page - Analog Devices AD9852 Datasheet HTML 19Page - Analog Devices AD9852 Datasheet HTML 20Page - Analog Devices AD9852 Datasheet HTML 21Page - Analog Devices AD9852 Datasheet HTML 22Page - Analog Devices AD9852 Datasheet HTML 23Page - Analog Devices AD9852 Datasheet HTML 24Page - Analog Devices AD9852 Datasheet HTML 25Page - Analog Devices AD9852 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
AD9852
–22–
REV. 0
FM Chirp
Figure 46 graphically illustrates the effect of CLR ACC2 bit
upon the DDS output frequency. Note that reprogramming the
registers while the CLR ACC2 bit is high allows a new FTW1
frequency and slope to be loaded.
Another function available only in the chirp mode is the HOLD
pin, Pin 29. This function will stop the clocking signal to the ramp
rate counter that will, in turn, halt any further clocking pulses to
the frequency accumulator, ACC1. The effect is to halt the
chirp and hold the output frequency in a static condition at
the frequency existing just before HOLD was pulled high. When
the HOLD pin is returned low, the clocks are resumed and chirp
continues. During a hold condition, user may change the
programming registers; however, the ramp rate counter must
resume operation at its previous rate until a count of zero is
obtained before a new ramp rate count can be loaded. Figure 47
illustrates the effect of the hold function on the DDS output
frequency.
Users may utilize the 32-bit automatic I/O Update counter when
constructing complex chirp or ramped FSK sequences. Since
this internal counter is synchronized with the AD9852 System
UPDATE
CLOCK
F1
0
MODE
FTW1
DFW
F1
000 (DEFAULT)
0
RAMP RATE
RAMP RATE
011 (CHIRP)
DELTA FREQUENCY WORD
CLR ACC1
Figure 45. Effect of CLR ACC1 in FM Chirp Mode
CLR ACC2
F1
0
MODE
TW1
DPW
000 (DEFAULT)
0
RAMP RATE
011 (CHIRP)
Figure 46. Effect of CLR ACC2 in FM Chirp Mode
Clock, it allows precisely timed program changes to be invoked.
In this manner, user is only required to reprogram the desired
registers before the automatic I/O Update pulse is generated.
A complete discussion of this function is presented elsewhere in
this data sheet.
In the chirp mode, the destination frequency is not directly
specified. If the user fails to control the chirp, the DDS will control
itself by naturally confining its output between dc and Nyquist;
however, unless terminated by the user, the chirp will continue
until power is removed.
It is the user’s choice as to what occurs when the chirp destination
frequency is reached. Here are a few of the choices:
1. Stop and hold at the destination frequency using the HOLD
pin, or by loading all zeros into the Delta Frequency Word
registers of the frequency accumulator (ACC1).
2. Stop using the hold pin function, then ramp-down the out-
put amplitude using the digital multiplier stages and the
Shaped Keying pin, Pin 30, or via program register control
(addresses 21–24 hex).
3. Stop and abruptly terminate the transmission using the CLR
ACC2 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com