Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 4 Page - Analog Devices

  AD9852 Datasheet HTML 1Page - Analog Devices AD9852 Datasheet HTML 2Page - Analog Devices AD9852 Datasheet HTML 3Page - Analog Devices AD9852 Datasheet HTML 4Page - Analog Devices AD9852 Datasheet HTML 5Page - Analog Devices AD9852 Datasheet HTML 6Page - Analog Devices AD9852 Datasheet HTML 7Page - Analog Devices AD9852 Datasheet HTML 8Page - Analog Devices AD9852 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
–4–
REV. 0
AD9852–SPECIFICATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9852 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Test
AD9852ASQ
AD9852AST
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY5
+VS Current
6
25
°C
I
815
922
585
660
mA
+VS Current
7
25
°C
I
640
725
465
520
mA
+VS Current
8
25
°C
I
585
660
425
475
mA
PDISS
6
25
°C
I
2.7
3.195
1.93
2.385
W
PDISS
7
25
°C
I
2.115
2.515
1.53
1.805
W
PDISS
8
25
°C
I
1.930
2.285
1.400
1.650
W
PDISS Power-Down Mode
25
°C
I
50
50
mW
NOTES
1The reference clock inputs are configured to accept a 1 V p-p (minimum) dc offset sine wave centered at one-half the applied V
DD or a 3 V TTL-level pulse input.
2Change in duty cycle from 1 MHz to 100 MHz with 1 V p-p sine wave input and 0.5 V threshold.
3Represents comparator’s inherent cycle-to-cycle jitter contribution. Input signal is a 1 V, 40 MHz square wave. Measurement device Wavecrest DTS – 2075.
4Comparator input originates from Analog Out section via external 7-pole elliptic LPF. Single-ended input, 0.5 V p-p. Comparator output terminated in 50
Ω.
5Important: In the 80-lead LQFP package simultaneous operation at the maximum ambient temperature of 85
°C and at the maximum internal clock frequency at
200 MHz may cause the maximum die junction temperature of 150
°C to be exceeded. Refer to the section of the data sheet entitled Power Dissipation section and
Thermal Considerations section for derating and thermal management information.
6All functions engaged.
7All functions except inverse sinc engaged.
8All functions except inverse sinc and digital multipliers engaged.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% Production Tested.
III – Sample Tested Only.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – Devices are 100% production tested at 25
°C and
guaranteed by design and characterization testing
for industrial operating temperature range.
ABSOLUTE MAXIMUM RATINGS
*
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . –0.7 V to +VS
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 5 mA
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . 300
°C
Maximum Clock Frequency . . . . . . . . . . . . . . . . . . 300 MHz
*Absolute maximum ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure of
absolute maximum rating conditions for extended periods of time may affect device
reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9852ASQ
–40
°C to +85°C
Thermally-Enhanced 80-Lead LQFP
SQ-80
AD9852AST
–40
°C to +85°C
80-Lead LQFP
ST-80
AD9852/PCB
0
°C to 70°C
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com