Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2172 Datasheet (PDF) - Microsemi Corporation

LX2172 Datasheet PDF - Microsemi Corporation
Part # LX2172
Download  LX2172 Download
File Size   259.78 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR

LX2172 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX2172 Datasheet PDF - Microsemi Corporation

Part # LX2172
Download  LX2172 Click to download

File Size   259.78 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR

LX2172 Datasheet (HTML) - Microsemi Corporation


LX2172 Product details

DESCRIPTION
The LX2172/73 are fixed-frequency, current-mode switching regulator integrated circuits. These ICs contain all necessary control circuitry plus a 1.25A on-board transistor to design a complete DC:DC switching regulator with minimum external components.
All functions are integrated into a single IC, available in 8-pin DIP and SOIC or a 5- pin TO-220 power package, making them extremely easy to design with and use. The LX2172/73 are optimized for boost and flyback applications, but can also be used in forward and inverting converter configuations.

KEY FEATURES
■ 1.25A, 65V Internal Power Switch
■ 3V - 25V Input Voltage Range
■ Current-Mode Operation
■ Improved Internal Cycle-ByCycle Current Limiting
■ Thermal Shutdown
■ Less Than 10µA Quiescent Current In Microprocessor Shutdown Mode
■ External Frequency Synchronization Possible
■ 100kHz Operating Frequency IGNS

APPLICATIONS
■ Boost Converter
■ Laptop / Notebook Computers
■ Portable Equipment
■ Small Motor Applications
■ Flyback Converters




Similar Part No. - LX2172

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX21 BANNER-LX21 Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LX21 BANNER-LX21 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
NXP Semiconductors
LX2160A NXP-LX2160A Datasheet
319Kb / 2P
COMPLETE ENABLEMENT, RICH ECOSYSTEM
October 2018
LX2160A-RDB NXP-LX2160A-RDB Datasheet
319Kb / 2P
COMPLETE ENABLEMENT, RICH ECOSYSTEM
October 2018
logo
Banner Engineering Corp...
LX21E BANNER-LX21E Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
More results


Similar Description - LX2172

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3972 CHERRY-CS3972 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
LT1072 LINER-LT1072_1 Datasheet
201Kb / 16P
1.25A High Efficiency Switching Regulator
LT1072CN8 LINER-LT1072CN8 Datasheet
206Kb / 16P
1.25A High Efficiency Switching Regulator
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1072 LINER-LT1072_15 Datasheet
206Kb / 16P
1.25A High Efficiency Switching Regulator
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
ON Semiconductor
CS3972 ONSEMI-CS3972 Datasheet
94Kb / 8P
1.25A High Efficiency Switching Regulator
December, 2001 - Rev. 9
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com