Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2172 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX2172
Description  1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2172 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX2172 Datasheet HTML 1Page - Microsemi Corporation LX2172 Datasheet HTML 2Page - Microsemi Corporation LX2172 Datasheet HTML 3Page - Microsemi Corporation LX2172 Datasheet HTML 4Page - Microsemi Corporation LX2172 Datasheet HTML 5Page - Microsemi Corporation LX2172 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
LX2172/73
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1998
Rev. 0.4
a 12/04
P RELIMINAR Y D AT A S HEET
ELECTRICAL CHARACTERISTICS
Reference Section
Parameter
Symbol
Test Conditions
Initial Accuracy
V
REF
T
J = 25ºC, Measured at FB pin
Over Temperature, Measured at FB pin
Line Regulation
3V < V
CC < 25V
Units
LX2172 / 2173
Min.
Typ.
Max.
1.224
1.244
1.264
V
1.214
1.244
1.274
V
0.03
% / V
Error Amplifier Section
Input Bias Current
I
B
T
J = 25ºC; VFB = VREF
Over Temperature
Open Loop Gain
A
VOL
Transconductance
g
m
T
J = 25ºC; VFB = V REF; ∆I = ±25µA
Over Temperature
Output Sink Current
I
EA (SINK)
Output Source Current
I
EA (SOURCE)
Output HI Voltage
V
COMP-HI
V
FB = 1V
Output LO Voltage
V
COMP-LO
V
FB = 1.5V
Slew Rate
S
350
750
nA
1100
nA
500
1000
V / V
3000
4400
6000
µMHO
2400
7000
µMHO
120
200
µA
120
µA
1.8
2.1
2.3
V
0.2
0.3
0.52
V
2
V/µsec
(Unless otherwise specified, these specifications apply over the ranges T
A = 0 to 70ºC for the LX217xC.
V
IN = VC = 5V.
All devices must be functional over
junction temperature of -65°C to 150°C. Typ. number represents T
A = 25ºC value.)
Input Supply Section
Start-Up Threshold
Normal Mode Quiescent Current
I
Q
ENABLE = HI, V
C = 0.6V, IO = 0A
V
C Shutdown Threshold
3V < V
IN < VMAX , TJ = 25°C
3V < V
IN < VMAX , Over Temperature
Sleep Mode Current
ENABLE = HI, V
C = 50mV
ENABLE = LO (LX2173 only)
2.2
2.7
2.9
V
58
mA
100
150
260
mV
50
300
mV
100
µA
5µA
Oscillator Section
Switching Frequency
f
T
A = 25ºC
Over Temperature
Line Voltage Stability
V
IN = 3V to 25V
90
100
110
kHz
85
100
115
kHz
±5
%
Output Switch Breakdown Voltage
I
SW = 1.5mA
Output Switch On Resistance
R
ON
I
O = 2A
Switch Current Limit
I
LIM
D.C = 50%
50% < D.C < 80%
Total Switching Loss (On Time + Off Time)
V
IN = 25V, D.C = 50%, IO = 1A, VSW = 60V
0.6
1.2
1.25
V
36
40
%
80
90
98
%
E.A. Output to PWM Drive Offset (VPWM)
V
OFS
Duty Cycle = 0
Minimum Duty Cycle
Maximum Duty Cycle
65
V
0.4
0.6
Ω
1.25
1.7
2.8
A
1.0
1.5
2.0
A
100
mW
PWM Section
Output Drive Section
100
ns
2A / V
C.S. Delay to Driver Output
10% Over drive GBNT
V
C to Output Transconductance
C.S. Comparator Section



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com