Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2172 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX2172
Description  1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2172 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX2172 Datasheet HTML 1Page - Microsemi Corporation LX2172 Datasheet HTML 2Page - Microsemi Corporation LX2172 Datasheet HTML 3Page - Microsemi Corporation LX2172 Datasheet HTML 4Page - Microsemi Corporation LX2172 Datasheet HTML 5Page - Microsemi Corporation LX2172 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
LX2172/73
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 0.4
a 12/04
4
P RELIMINAR Y D AT A S HEET
GND
1
3
V
C
21
FB
3
2
SYNC
4
ENABLE
4
V
IN
55
E
1
6
V
SW
74
E
2
8
Signal ground. Keep separate from power grounds (E
1 and E2).
Output of transconductance error amplifier. An R-C compensation network is connected from
this pin to the ground to stabilize the feedback loop. If this pin is pulled lower than 0.15V, the
IC goes into micropower mode.
Error amplifier inverting input. A resistor divider from the output of the converter to this pin sets
its nominal voltage.
LX2172 only. This pin is used to synchronize the device directly with a logic level input pulse.
External synchronization frequency must always be at a higher frequency than the minimum
internal clock. When not used, should be left open.
LX2173 only. This pin is the input to the enable comparator. A voltage under 1.4V will put the
device in micropower mode. Pin must be connected to V
IN when not in use.
Input supply voltage (3.0V to 25V).
Power return of first transistor (Q
1).
This pin must be connected to ground.
Collector of output transistors. Connect to external inductor or input voltage, depending on circuit
topology.
Grounding this pin sets the current limit point to the maximum value. If pin is left open, the current
limit is set to half its maximum value.
Pin
Pin #
Pin #
Name
(8-pin Pkgs.) (5-pin TO-220)
Description
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Units
LX2172 / 2173
Min.
Typ.
Max.
0.2
2
µsec
26
V
0.7
V
100
400
µA
15
µA
SYNC Pulse Width
SYNC Input HI
SYNC Input LO
SYNC Input Current HI
Input = 2V
SYNC Input Current LO
Input = 0.4V
SYNC Input Section (LX2172 only)
0.4
1.2
2.4
V
200
µA
100
µA
Enable Input Threshold
HI Input Current
Input = 2.4V
LO Input Current
Input = 0.4V
ENABLE Section (LX2173 only)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com