Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2172 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX2172
Description  1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2172 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX2172 Datasheet HTML 1Page - Microsemi Corporation LX2172 Datasheet HTML 2Page - Microsemi Corporation LX2172 Datasheet HTML 3Page - Microsemi Corporation LX2172 Datasheet HTML 4Page - Microsemi Corporation LX2172 Datasheet HTML 5Page - Microsemi Corporation LX2172 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
LX2172/73
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1998
Rev. 0.4
a 12/04
P RELIMINAR Y D AT A S HEET
THEOR Y OF OPERA TION
IC OPERATION
Referring to the block diagram, when V
IN is above the UVLO
start threshold the 2.3V UVLO comparator output switches to
low state, allowing Q1 to turn on upon receiving a clock pulse
from the internal 100kHz oscillator. Once Q1 is on, current in
the inductor ramps up. Inductor current is then sensed, and
amplified by a current sense amplifier and compared to a thresh-
old set by the output of the error amplifier minus the offset
voltage (V
OFS typically 0.9V).
This allows the PWM comparator
to reset the flip flop, causing Q1 to turn off. The oscillator then
sets the flip flop, and the operation repeats itself.
CURRENT LIMIT
Current limiting is performed by sensing the peak switch cur-
rent and turning Q1 off until the next clock cycle. When the
converter goes into current limit the error amplifier output goes
to the rail and sets a maximum limit on the current.
ERROR AMPLIFIER
The function of the error amplifier is to set a threshold voltage
for inductor peak current and control the switch duty cycle so
that the power supply output voltage is closely regulated. Regu-
lation is accomplished by sensing the output voltage and com-
paring it to the internal 1.27V bandgap reference. A compensa-
tion network is placed from the output of the amplifier to ground
for closed loop stability purposes, as well as a high d.c. gain for
tight regulation. The function of V
OFS is to keep Q1 of f without
requiring an error amplifier output to swing to ground level. It
is required the V
OL of the error amplifier is always less than the
offset at all times. The
transfer function between the error
amplifier output (V
C) and peak inductor current is therefore
given by:
V
C - VOFS = I P * G * R S
Where: I
P = Inductor peak current
G = Current sense gain (typically 6)
R
S = Internal sense r esistor
OSCILLATOR
The oscillator is designed to operate at 100kHz frequency. Its
function is to turn the switch Q1 on at a fixed 10µs interval and
to provide a slope compensation for the feedback loop. Slope
compensation is required for fixed frequency continuous Cur-
rent Mode regulators operating above 50% duty cycle in order
to prevent loop instability. The SYNC input is a logic input that
allows easy synchronization to an external clock. Synchroniza-
tion is done such that the external clock terminates the cycle
before the internal oscillator sets the PWM latch again.
UNDER-VOLTAGE LOCKOUT
The 2.3V internal regulator is monitored as the input supply
ramps up, ensuring glitch-free operation.
EXTRA PINS ON 8-PIN DEVICE
The 8-pin versions of the LX217x have the emitters of the power
transistors brought out separately. Connecting these pins to
ground reduces errors due to ground pin voltage drops. The E
2
pin also allows the user to half the switch current limit if the pin
is left open. Note that the switch resistance will increase when
E
2 is open, so efficiency will decrease and heat dissipation will
increase, especially for currents over 300mA.
MICROPOWER SHUTDOWN
The LX2172/73 enter micropower shutdown mode when the V
C
pin is pulled below 0.15V. Supply current required for biassing
shutdown circuitry is less than 250µA. The LX2173 has an EN-
ABLE pin which allows ultra-low micropower shutdown opera-
tion, consuming less than 10µA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com