Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511AT-EMQ Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP39F511AT-EMQ
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511AT-EMQ Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP39F511AT-EMQ Datasheet HTML 16Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 17Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 18Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 19Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 20Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 21Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 22Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 23Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
MCP39F511A
DS20006044A-page 20
 2018 Microchip Technology Inc.
4.6
Command Descriptions
4.6.1
REGISTER READ, N BYTES (0x4E)
The Register Read, N bytes command returns
the N bytes that follow whatever the current address
pointer is set to. It should typically follow a
Set Address Pointer
command and can be used
in conjunction with other read commands. An
Acknowledge NoB, Data and Checksum is the
response for this command. The maximum number of
bytes that can be read with this command is 32. If there
are other read commands within a frame, the maximum
number of bytes that can be read is 32 minus the
number of bytes being read in the frame. With this
command, the data is returned LSb first.
4.6.2
REGISTER WRITE, N BYTES (0x4D)
The Register
Write,
N
bytes
command is
followed by N bytes that will be written to whatever the
current address pointer is set to. It should typically
follow a Set Address Pointer command and can
be used in conjunction with other write commands. An
Acknowledge is the response for this command. The
maximum number of bytes that can be written with this
command is 32. If there are other write commands
within a frame, the maximum number of bytes that can
be written is 32 minus the number of bytes being
written in the frame. With this command, the data is
written to the LSb first.
4.6.3
SET ADDRESS POINTER (0x41)
This command is used to set the address pointer for all
read and write commands. This command is expecting
the address pointer as the command parameter in the
following two bytes, Address High byte followed by
Address Low byte. The address pointer is two bytes in
length. If the address pointer is within the acceptable
addresses of the device, an Acknowledge will be
returned.
4.6.4
SAVE REGISTERS TO FLASH (0x53)
The Save Registers To Flash command makes
a copy of all the calibration and configuration registers
to Flash. This includes all R/W registers in the register
set. The response to this command is an Acknowledge.
4.6.5
PAGE READ EEPROM (0x42)
The Page Read EEPROM command returns 16 bytes
of data that are stored in an individual page on the
MCP39F511A. A more complete description of the
memory organization of the EEPROM can be found in
Section 10.0 “EEPROM”
. This command is expecting
the EEPROM page as the command parameter or the
following byte. The response to this command is an
Acknowledge NoB, 16-bytes of data and CRC Check-
sum.
4.6.6
PAGE WRITE EEPROM (0x50)
The Page Write EEPROM command is expecting
17 additional bytes in the command parameters, which
are EEPROM page plus 16 bytes of data. A more
complete description of the memory organization of the
EEPROM can be found in Section 10.0 “EEPROM”
The response to this command is an Acknowledge.
4.6.7
BULK ERASE EEPROM (0x4F)
The Bulk Erase EEPROM command will erase the
entire EEPROM array and return it to a state of 0xFFFF
for each memory location of EEPROM. A more
complete description of the memory organization of the
EEPROM can be found in Section 10.0 “EEPROM”.
The response to this command is an Acknowledge.
4.6.8
AUTO-CALIBRATE GAIN (0x5A)
The Auto-Calibrate Gain command initiates the
single-point calibration that is all that is typically
required for the system. This command calibrates the
RMS current, RMS voltage and active power based on
the target values written in the corresponding registers.
See Section 9.0 “MCP39F511A Calibration” for
more information on device calibration. The response
to this command is an Acknowledge.
4.6.9
AUTO-CALIBRATE REACTIVE
POWER GAIN (0X7A)
The Auto-Calibrate Reactive Gain command
initiates a single-point calibration to match the
measured reactive power to the target reactive power.
This is typically done at PF = 0.5. See Section 9.0
“MCP39F511A Calibration”
for more information on
device calibration.
4.6.10
AUTO-CALIBRATE FREQUENCY
(0x76)
For applications not using an external crystal and
running the MCP39F511A device off the internal
oscillator, a gain calibration to the line frequency
indication is required. The Gain Line Frequency
register is set such that the frequency indication
matches what is set in the Line Frequency Reference
register. See Section 9.0 “MCP39F511A Calibration”
for more information on device calibration.
4.6.11
SAVE ENERGY COUNTERS TO
EEPROM (0x45)
The Save
Energy
Counters
to
EEPROM
command makes a copy of the energy counters to
EEPROM. Import active and reactive energy counters
are saved in PAGE 0. Export active and reactive
energy counters are saved in PAGE 1. The bytes are
written at incremental addresses, starting with the LSb.
The response to this command is an Acknowledge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com