Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511AT-EMQ Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP39F511AT-EMQ
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511AT-EMQ Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP39F511AT-EMQ Datasheet HTML 11Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 12Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 13Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 14Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 15Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 16Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 17Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 18Page - Microchip Technology MCP39F511AT-EMQ Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 15
MCP39F511A
4.0
COMMUNICATION PROTOCOL
The communication protocol for the MCP39F511A
device is based on the Simple Sensor Interface (SSI)
protocol. This protocol is used for point-to-point
communication from a single-host microcontroller
(MCU) to a single-slave MCP39F511A device.
All communication to the device occurs in frames. Each
frame consists of a header byte, the number of bytes in
the frame, command packet (or command packets)
and a checksum. It is important to note that the
maximum number of bytes in either a receive or
transmit frame is 35.
This approach allows for single, secure transmission
from the host processor to the MCP39F511A device
with either a single command or multiple commands.
No command in a frame is processed until the entire
frame is complete and the checksum and number of
bytes are validated.
The number of bytes in an individual command packet
depend on the specific command. For example, to set
the instruction pointer, three bytes are needed in the
packet: the command byte and two bytes for the
address you want to set to the pointer. The first byte in
a command packet is always the command byte.
This protocol can also be used to set up transmission
from the MCP39F511A device on specific registers. A
predetermined single-wire transmission frame is
defined for one-wire interfaces. The Auto-Transmit
mode can be initiated by setting the SINGLE_WIRE bit
in the System Configuration register, allowing for
single-wire communication within the application. See
Section 4.8 “Single-Wire Transmission Mode”
for
more information on this communication.
4.1
Device Responses
After the reception of a communication frame, the
MCP39F511A device has three possible responses,
which will be returned with or without data depending
on the frame received. These responses are:
• Acknowledge (ACK, 0x06): Frame received with
success, commands understood and commands
executed with success.
• Negative Acknowledge (NAK, 0x15): Frame
received with success, however commands not
executed with success, commands not
understood or some other error in the command
bytes.
• Checksum Fail (CSFAIL, 0x51): Frame received
with success, however the checksum of the frame
did not match the bytes in the frame.
FIGURE 4-1:
Communication Frame MCP39F511A.
Note:
If a custom communication protocol is
desired, please contact a Microchip sales
office.
Note:
There is one unique device ID response
that
is
used
to
determine
which
MCP39FXXX
device
is
present:
[NAK(0x15) + ID_BYTE]. If the command
received is a single byte (0x5A) instead of
a command frame, the response is NAK
followed by the ID_BYTE. For the
MCP39F511A device, the ID_BYTE is
0x04.
Header Byte (0xA5) Number of Bytes
Command Packet1 Command Packet2
...Command Packet n
Checksum
Command
BYTE0
BYTE1 BYTE2 BYTE N
BYTE N
Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com