Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7004CHIPS Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA7004CHIPS
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIPS Datasheet(HTML) 3 Page - Analog Devices

  ADPA7004CHIPS Datasheet HTML 1Page - Analog Devices ADPA7004CHIPS Datasheet HTML 2Page - Analog Devices ADPA7004CHIPS Datasheet HTML 3Page - Analog Devices ADPA7004CHIPS Datasheet HTML 4Page - Analog Devices ADPA7004CHIPS Datasheet HTML 5Page - Analog Devices ADPA7004CHIPS Datasheet HTML 6Page - Analog Devices ADPA7004CHIPS Datasheet HTML 7Page - Analog Devices ADPA7004CHIPS Datasheet HTML 8Page - Analog Devices ADPA7004CHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADPA7004CHIPS
Rev. 0 | Page 3 of 20
SPECIFICATIONS
40 GHz TO 45 GHz FREQUENCY RANGE
Die bottom temperature (TDIEBOTTOM) = 25°C, drain bias voltage (VDD) = VDD1A and VDD1B = VDD2A and VDD2B = VDD3A and VDD3B = VDD4A
and VDD4B = 3.5 V, and IDQ1x + IDQ2x+ IDQ3x + IDQ4x = 550 mA, unless otherwise noted. Note that IDQ1x, IDQ2x, IDQ3x, and IDQ4x are the IDQ
for VDD1x, VDD2x, VDD3x, VDD4x, respectively, where x stands for A and B. Adjust VGG1234A from −1.5 V to 0 V to achieve the desired
supply current (IDQ). The typical gate bias voltage (VGG) = −0.4 V for IDQ = 550 mA.
Table 1.
Parameter
Symbol Min Typ
Max Unit
Test Conditions/Comments
FREQUENCY RANGE
40
45
GHz
GAIN
17
dB
Gain Variation over Temperature
0.023
dB/°C
RETURN LOSS
Input
S11
18
dB
Output
S22
23
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
21.5
dBm
Saturated Output Power
PSAT
23.5
dBm
Output Third-Order Intercept
IP3
30.5
dBm
Output power (POUT) per tone = 12 dBm with 1 MHz
tone spacing
SUPPLY
Current
IDQ
550
mA
Adjust VGG to achieve IDQ = 550 mA typical
Voltage
VDD
3
3.5
4
V
45 GHz TO 75 GHz FREQUENCY RANGE
TDIEBOTTOM = 25°C, VDD = VDD1A and VDD1B = VDD2A and VDD2B = VDD3A and VDD3B = VDD4A and VDD4B = 3.5 V and IDQ1x + IDQ2x+ IDQ3x +
IDQ4x = 550 mA, unless otherwise noted. Adjust VGG1234A from −1.5 V to 0 V to achieve the desired IDQ. The typical VGG = −0.4 V for
IDQ = 550 mA.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
45
75
GHz
GAIN
15
18.5
dB
Gain Variation over Temperature
0.023
dB/°C
RETURN LOSS
Input
S11
20.0
dB
Output
S22
22.0
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
20
22.0
dBm
Saturated Output Power
PSAT
24.0
dBm
Output Third-Order Intercept
IP3
31.0
dBm
POUT per tone = 12 dBm with 1 MHz tone spacing
Current
IDQ
550
mA
Adjust VGG to achieve IDQ = 550 mA typical
Voltage
VDD
3
3.5
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com