Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7004CHIPS Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7004CHIPS
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIPS Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7004CHIPS Datasheet HTML 9Page - Analog Devices ADPA7004CHIPS Datasheet HTML 10Page - Analog Devices ADPA7004CHIPS Datasheet HTML 11Page - Analog Devices ADPA7004CHIPS Datasheet HTML 12Page - Analog Devices ADPA7004CHIPS Datasheet HTML 13Page - Analog Devices ADPA7004CHIPS Datasheet HTML 14Page - Analog Devices ADPA7004CHIPS Datasheet HTML 15Page - Analog Devices ADPA7004CHIPS Datasheet HTML 16Page - Analog Devices ADPA7004CHIPS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADPA7004CHIPS
Rev. 0 | Page 13 of 20
1
0.1
0.01
0.001
–9
23
OUTPUT POWER (dBm)
–7 –5 –3 –1
1
3
5
7
9
11 13 15 17 19 21
+85°C
+25°C
–55°C
Figure 41. VREF − VDET vs. Output Power at Various Temperatures at 70 GHz
1
0.1
0.01
0.001
–9
23
OUTPUT POWER (dBm)
–7 –5 –3 –1
1
3
5
7
9
11 13 15 17 19 21
+85°C
+25°C
–55°C
Figure 42. VREF − VDET vs. Output Power at Various Temperatures at 80 GHz
12
0
40
80
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
45
50
55
60
65
70
75
Figure 43. Noise Figure vs. Frequency at 25°C
900
–50
GATE VOLTAGE (V)
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
Figure 44. Typical Drain Current vs. Gate Voltage at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com