Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F280045PMS Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # F280045PMS
Description  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280045PMS Datasheet(HTML) 58 Page - Texas Instruments

Back Button F280045PMS Datasheet HTML 54Page - Texas Instruments F280045PMS Datasheet HTML 55Page - Texas Instruments F280045PMS Datasheet HTML 56Page - Texas Instruments F280045PMS Datasheet HTML 57Page - Texas Instruments F280045PMS Datasheet HTML 58Page - Texas Instruments F280045PMS Datasheet HTML 59Page - Texas Instruments F280045PMS Datasheet HTML 60Page - Texas Instruments F280045PMS Datasheet HTML 61Page - Texas Instruments F280045PMS Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 230 page
background image
7.5.5 Current Consumption Graphs
Figure 7-2, Figure 7-3, and Figure 7-4 show a typical representation of the relationship between frequency and
current consumption on the device. The operational test from Section 7.5.1 was run across frequency at VNOM
and room temperature. Actual results will vary based on the system implementation and conditions.
Leakage current on the VDD core supply will increase with operating temperature in an exponential manner as
seen in Figure 7-5. The current consumption in HALT mode is primarily leakage current as there is no active
switching if the internal oscillator has been powered down.
Figure 7-5 shows the typical leakage current across temperature. The device was placed into HALT mode under
nominal voltage conditions.
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
55
60
65
D001
IDD
IDDIO
IDDA
Figure 7-2. Current Versus Frequency — External
Supply
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
D002
IDDIO
IDDA
Figure 7-3. Current Versus Frequency — Internal
VREG
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100
5
10
15
20
25
30
35
40
45
50
55
D003
IDDIO
IDDA
Figure 7-4. Current Versus Frequency — DCDC
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
12
14
16
18
20
22
D004
Figure 7-5. Halt Current Versus Temperature (°C)
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com