Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F280045PMS Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # F280045PMS
Description  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280045PMS Datasheet(HTML) 14 Page - Texas Instruments

Back Button F280045PMS Datasheet HTML 10Page - Texas Instruments F280045PMS Datasheet HTML 11Page - Texas Instruments F280045PMS Datasheet HTML 12Page - Texas Instruments F280045PMS Datasheet HTML 13Page - Texas Instruments F280045PMS Datasheet HTML 14Page - Texas Instruments F280045PMS Datasheet HTML 15Page - Texas Instruments F280045PMS Datasheet HTML 16Page - Texas Instruments F280045PMS Datasheet HTML 17Page - Texas Instruments F280045PMS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 230 page
background image
6.2 Pin Attributes
Table 6-1. Pin Attributes
SIGNAL NAME
MUX
POSITION
100 PZ
64
PMQ
64 PM
56
RSH
PIN
TYPE
DESCRIPTION
ANALOG
A0
23
15
15
13
I
ADC-A Input 0
B15
I
ADC-B Input 15
C15
I
ADC-C Input 15
DACA_OUT
O
Buffered DAC-A Output
AIO231
I
Digital Input-231 on ADC Pin
A1
22
14
14
12
I
ADC-A Input 1
DACB_OUT
O
Buffered DAC-B Output
AIO232
I
Digital Input-232 on ADC Pin
A10
40
25
25
23
I
ADC-A Input 10
B1
I
ADC-B Input 1
C10
I
ADC-C Input 10
PGA7_OF
O
PGA-7 Output Filter (Optional)
CMP7_HP0
I
CMPSS-7 High Comparator Positive Input 0
CMP7_LP0
I
CMPSS-7 Low Comparator Positive Input 0
AIO230
I
Digital Input-230 on ADC Pin
A2
9
9
9
8
I
ADC-A Input 2
B6
I
ADC-B Input 6
PGA1_OF
O
PGA-1 Output Filter (Optional)
CMP1_HP0
I
CMPSS-1 High Comparator Positive Input 0
CMP1_LP0
I
CMPSS-1 Low Comparator Positive Input 0
AIO224
I
Digital Input-224 on ADC Pin
A3
10
I
ADC-A Input 3
CMP1_HP3
I
CMPSS-1 High Comparator Positive Input 3
CMP1_HN0
I
CMPSS-1 High Comparator Negative Input 0
CMP1_LP3
I
CMPSS-1 Low Comparator Positive Input 3
CMP1_LN0
I
CMPSS-1 Low Comparator Negative Input 0
AIO233
I
Digital Input-233 on ADC Pin
A4
36
23
23
21
I
ADC-A Input 4
B8
I
ADC-B Input 8
PGA2_OF
O
PGA-2 Output Filter (Optional)
CMP2_HP0
I
CMPSS-2 High Comparator Positive Input 0
CMP2_LP0
I
CMPSS-2 Low Comparator Positive Input 0
AIO225
I
Digital Input-225 on ADC Pin
A5
35
I
ADC-A Input 5
CMP2_HP3
I
CMPSS-2 High Comparator Positive Input 3
CMP2_HN0
I
CMPSS-2 High Comparator Negative Input 0
CMP2_LP3
I
CMPSS-2 Low Comparator Positive Input 3
CMP2_LN0
I
CMPSS-2 Low Comparator Negative Input 0
AIO234
I
Digital Input-234 on ADC Pin
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com