Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWWVO112E Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SWWVO112E
Description  Direct TV Application WICOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWWVO112E Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SWWVO112E Datasheet HTML 7Page - Seoul Semiconductor SWWVO112E Datasheet HTML 8Page - Seoul Semiconductor SWWVO112E Datasheet HTML 9Page - Seoul Semiconductor SWWVO112E Datasheet HTML 10Page - Seoul Semiconductor SWWVO112E Datasheet HTML 11Page - Seoul Semiconductor SWWVO112E Datasheet HTML 12Page - Seoul Semiconductor SWWVO112E Datasheet HTML 13Page - Seoul Semiconductor SWWVO112E Datasheet HTML 14Page - Seoul Semiconductor SWWVO112E Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
R1.0 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWWVO112E
– WICOP
11
Color Bin Structure
Table 5. Bin Code description
Part Number : SWWVO112E
Bin Code
Luminous Flux
CIE
Forward Voltage
A093
C4
C29
Color Rank
@ I
F = 350mA
A4~E4
Luminous Flux (lm)
@ I
F = 350mA
Bin
Code
Min.
Max.
A081
81.0
84.0
A084
84.0
87.0
A087
87.0
90.0
A090
90.0
93.0
A093
93.0
96.0
A096
96.0
99.0
A099
99.0
102.0
A102
102.0
105.0
A105
105.0
108.0
Available Ranks
Forward Voltage[V]
@ I
F = 350mA
Bin
Code
Min.
Max.
C29
2.9
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com