Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWWVO112E Datasheet(PDF) 17 Page - Seoul Semiconductor

Part # SWWVO112E
Description  Direct TV Application WICOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWWVO112E Datasheet(HTML) 17 Page - Seoul Semiconductor

Back Button SWWVO112E Datasheet HTML 13Page - Seoul Semiconductor SWWVO112E Datasheet HTML 14Page - Seoul Semiconductor SWWVO112E Datasheet HTML 15Page - Seoul Semiconductor SWWVO112E Datasheet HTML 16Page - Seoul Semiconductor SWWVO112E Datasheet HTML 17Page - Seoul Semiconductor SWWVO112E Datasheet HTML 18Page - Seoul Semiconductor SWWVO112E Datasheet HTML 19Page - Seoul Semiconductor SWWVO112E Datasheet HTML 20Page - Seoul Semiconductor SWWVO112E Datasheet HTML 21Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
R1.0 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWWVO112E
– WICOP
17
Reflow Soldering Characteristics
(1) Reflow solder conditions / profile
Note : In case that the soldered products are reused in soldering process, we don’t guarantee the products.
Reflow condition
Pb-Free
assembly
Average ramp-up rate (Ts-max to Peak)
2~3℃ / second
Preheat Temperature Min (Ts-min)
150℃
Preheat Temperature Max (Ts-max)
200℃
Preheat Time (Ts)
Min 80 seconds
Time maintained above : Liquidus Temperature (TL)
217~220℃
Time maintained above : Time (TL)
60~150 seconds
Peak Temperature (TP)
260℃
Time Within 5℃ of actual Peak Temperature (tP)
20~40 seconds
Ramp-down rate
4~6℃ / seconds
Time 25℃ to peak Temperature
6 minutes max
Caution
(1) The reflow cycle is limited to max 2 times.
(2) Re-soldering should not be done after the LEDs have been soldered.
If re-soldering is unavoidable, LED`s characteristics should be carefully checked before and after such repair.
(3) Do not put stress on the LEDs during heating.
(4) After reflow, do not warp the circuit board.
(5) After reflow, do not clean PCB by water or solvent.
(6) We recommend on/off(@0.1~1mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com