Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWWACD10A Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # SWWACD10A
Description  High reliability and High quality of light High-Power LED for Automotive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWWACD10A Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button SWWACD10A Datasheet HTML 10Page - Seoul Semiconductor SWWACD10A Datasheet HTML 11Page - Seoul Semiconductor SWWACD10A Datasheet HTML 12Page - Seoul Semiconductor SWWACD10A Datasheet HTML 13Page - Seoul Semiconductor SWWACD10A Datasheet HTML 14Page - Seoul Semiconductor SWWACD10A Datasheet HTML 15Page - Seoul Semiconductor SWWACD10A Datasheet HTML 16Page - Seoul Semiconductor SWWACD10A Datasheet HTML 17Page - Seoul Semiconductor SWWACD10A Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Rev1.2, Nov 25, 2019
www.seoulsemicon.com
SWWACD10A – WICOP 1x2 W/A
14
Color Bin Structure
Table 3-1. Bin Code Description of White (Ta = 25℃, IF = 1.0A)
Table 3-2. Bin Code Description of Amber (Ta = 25℃, IF = 1.0A)
Part Number
Luminous Flux [lm]
Color
Coordinate
Forward Voltage [V]
Bin Code
Min.
Max.
Bin Code
Min.
Max.
SWWACD10A
(Amber)
XA
220
250
Refer to page 16
U1
2.80
3.00
U2
3.00
3.20
YA
250
275
U3
3.20
3.40
U4
3.40
3.50
Part Number
Luminous Flux [lm]
Color
Coordinate
Forward Voltage [V]
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
SWWACD10A
(White)
4A
375
400
Refer to Page15
U1
2.80
3.00
U2
3.00
3.20
5A
400
425
U3
3.20
3.40
6A
425
450
U4
3.40
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com