Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWWACD10A Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SWWACD10A
Description  High reliability and High quality of light High-Power LED for Automotive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWWACD10A Datasheet(HTML) 3 Page - Seoul Semiconductor

  SWWACD10A Datasheet HTML 1Page - Seoul Semiconductor SWWACD10A Datasheet HTML 2Page - Seoul Semiconductor SWWACD10A Datasheet HTML 3Page - Seoul Semiconductor SWWACD10A Datasheet HTML 4Page - Seoul Semiconductor SWWACD10A Datasheet HTML 5Page - Seoul Semiconductor SWWACD10A Datasheet HTML 6Page - Seoul Semiconductor SWWACD10A Datasheet HTML 7Page - Seoul Semiconductor SWWACD10A Datasheet HTML 8Page - Seoul Semiconductor SWWACD10A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Rev1.2, Nov 25, 2019
www.seoulsemicon.com
SWWACD10A – WICOP 1x2 W/A
3
Performance Characteristics
Table 1-1. Electro Optical Characteristics of White, IF = 1.0A, Ta = 25ºC
Table 1-2. Electro Optical Characteristics of Amber color, IF = 1.0A, Ta = 25ºC
Parameter
Symbol
Min
Typ
Max
Unit
Forward Voltage
V
F
-
3.20
3.40
V
Luminous Flux
Φ
V
375
390
-
lm
Color Coordinate (x,y)
CIE x
0.325
CIE y
0.335
Viewing Angle
2θ
120
deg. [ ˚ ]
Electrical Thermal resistance
Rth JS el
-
3.0
3.8
K / W
Real Thermal resistance
Rth JS real
-
4.1
5.1
K / W
Notes :
[1] All measurements were made under the standardized environment of Seoul semiconductor.
[2] Tolerance : VF :±0.1V, ΦV :±5%, CIEx, CIEy:±0.005.
Parameter
Symbol
Min
Typ
Max
Unit
Forward Voltage
V
F
-
3.20
3.40
V
Luminous Flux
Φ
V
220
245
-
lm
Color Coordinate (x,y)
CIE x
0.57
CIE y
0.42
Viewing Angle
2θ
120
deg. [ ˚ ]
Electrical Thermal resistance
Rth JS el
-
3.5
4.4
K / W
Real Thermal resistance
Rth JS real
-
4.3
5.4
K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com