Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WL
Description  The world?셲 first SoC enabling LoRa®, (G)FSK, (G)MSK, BPSK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WL Datasheet HTML 1Page - STMicroelectronics STM32WL Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WIRELESS CONNECTIVITY
Designed for Sub-GHz LPWANs,
the STM32WL series comes with a
LoRaWAN® stack and Sigfox stack,
available free of charge on st.com in
STM32CubeWL.
Thanks to a deep integration, the
innovative and open architecture is
optimized for flexible resource use,
power management and helps lower
BOM cost while offering a better user
experience.
Developed using the same
technology as the one implemented
in our ultra-low-power STM32L4
microcontrollers, the STM32WL series,
with its integrated Sub-GHz transceiver,
provides similar digital and analog
peripherals for basic or complex
application use cases requiring an
extended battery life and a long RF
range.
SYSTEM PERIPHERALS
• Modulations: LoRa®, (G)FSK, (G)MSK,
BPSK
• Linear Frequency Range: 150 to
960 MHz
• Dual-power Outputs: up to 22 dBm
and up to 15 dBm (Embedded PAs)
• Up to 43 GPIOs
• Embedded SMPS and LDO
• Multiple low-power modes to
maximize battery life
STM32WL series: the STM32 pioneer in Sub-GHz wireless connectivity.
Easy-to-use, reliable and tailored for a wide range of RF applications.
The world’s first SoC enabling
LoRa®, (G)FSK, (G)MSK, BPSK
STM32WL
WIRELESS SERIES
www.st.com/stm32wl
The STM32WL series supports
multi-modulation and delivers
outstanding ultra-low-power
performance.
This makes it an ideal choice for
LPWAN and IoT developments.
Embedding an Arm® Cortex®‐M4
core, an optional Cortex®-M0+
and a Sub-GHz transceiver in
one single chip, the STM32WL
series ensures wireless
application flexibility with
LoRaWAN® and is compatible
with Sigfox, W-MBUS or many
other proprietary protocols, in a
fully open way.


Similar Part No. - STM32WL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WL STMICROELECTRONICS-STM32WL Datasheet
363Kb / 6P
STM32WL3x Nucleo-64 boards
20-Nov-2024
STM32WL33C8 STMICROELECTRONICS-STM32WL33C8 Datasheet
4Mb / 91P
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
13-Nov-2024
STM32WL33C8V STMICROELECTRONICS-STM32WL33C8V Datasheet
4Mb / 91P
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
13-Nov-2024
STM32WL33C8V6 STMICROELECTRONICS-STM32WL33C8V6 Datasheet
4Mb / 91P
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
13-Nov-2024
STM32WL33C8V6TR STMICROELECTRONICS-STM32WL33C8V6TR Datasheet
4Mb / 91P
Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
13-Nov-2024
More results

Similar Description - STM32WL

ManufacturerPart #DatasheetDescription
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
RFPO60 TEMEX-RFPO60 Datasheet
261Kb / 2P
The RFPO60 is from the world?셲 first ASIC.based OCXO product
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
The RFPO65 is from the world?셲 first ASIC.based OCXO product
logo
STMicroelectronics
STM32F469 STMICROELECTRONICS-STM32F469 Datasheet
588Kb / 2P
World’s first MIPI-DSI MCU
July 2017
STM32WL55JC STMICROELECTRONICS-STM32WL55JC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WL55CC STMICROELECTRONICS-STM32WL55CC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WLE4JC STMICROELECTRONICS-STM32WLE4JC Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November Rev 8
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 8
STM32WL55JC STMICROELECTRONICS-STM32WL55JC_V01 Datasheet
3Mb / 147P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX_V01 Datasheet
3Mb / 146P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com