Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32WL
Description  The world?셲 first SoC enabling LoRa®, (G)FSK, (G)MSK, BPSK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL Datasheet(HTML) 2 Page - STMicroelectronics

  STM32WL Datasheet HTML 1Page - STMicroelectronics STM32WL Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on ST products and solutions, visit www.st.com
Order code: FLSTM32WL1220
© STMicroelectronics - December 2020 - Printed in the United Kingdom - All rights reserved
ST and the ST logo are registered and/or unregistered trademarks of STMicroelectronics International NV or its affiliates
in the EU and/or elsewhere. In particular, ST and the ST logo are Registered in the US Patent and Trademark Office.
For additional information about ST trademarks, please refer to www.st.com/trademarks.
All other product or service names are the property of their respective owners.
STM32WL block diagram
Control
Power supply
1.8 to 3.6 V
w/ DCDC+ LDO
POR/PDR/PVD/BOR
Crystal oscillators
32 MHz (Radio + HSE)
32.768 KHz (LSE)
Internal RC oscillators
32,768 KHz + 16 MHz +
48 MHz ± 1% acc.
over V and T(°C)
RTC/AWU/CSS
PLL
SysTick timer
2 watchdogs
(WWDG/IWDG)
43 GPIOs
Cyclic redundancy check
Voltage scaling
(2 modes)
Analog
1x 12-bit ADC
SAR 2.5 Msps
12-bit DAC
2x ULP comparators
Temperature sensor
Nested vector
interrupt controller
(NVIC)
Memory protected
unit (MPU)
JTAG/SW debug
Arm® Cortex®-M4
DSP 48 MHz
ART AcceleratorTM
AHB Bus matrix
2x DMA 7 channels
Radio
LoRa®, (G)FSK,
(G)MSK, BPSK
150 MHz to 960 MHz
+15dBm & +22dBm
Power Outputs
-148 dBm sensitivity
(LoRa)
Memory
Timers
1 x 32-bit timer
3x 16-bit timers
3x ULP 16-bit timers
Connectivity
2x SPI, 3x I2C
2x USART LIN,
smartcard, IrDA,
Modem control
1x ULP UART
Up to 256-Kbyte Flash
Up to 64-Kbyte SRAM
CM4 or CM0 Boot Lock
Boot loader
Hide protect
Nested vector
interrupt controller
(NVIC)
Memory protected
unit (MPU)
SW debug
Arm® Cortex®-M0+
48 MHz
Security
AES 256-bit + TRNG
+ PCROP
Tamper detection
Secure Areas
Secure FW Install
Debug control
Boot Selection
Secure Sub-GHz,
MAC Layer, SFI
Key Management
Services
Legend :
Features available only in the STM32WL5x dual-core line
STM32WL WIRELESS SERIES LoRa®, (G)FSK, (G)MSK, BPSK - A world first
In addition to its wireless and ultra-low-power features, STM32WL microcontrollers include embedded security hardware
functions such as 128- / 256-bit AES hardware encryption, PCROP read / write protection, and public-key cryptography with
an elliptic curve encryption engine. The dual-core line STM32WL5x also provides advanced security features.
Security & ID
STM32WL portfolio
Standard protocol
Hardware tools
This STM32 Nucleo pack is the
most cost-effective way to
quickly get started developing
STM32WL-based prototypes.
Order codes
NUCLEO-WL55JC1
(868/915/923 MHz)
NUCLEO-WL55JC2
(433/470 MHz)
Available from stackforce
Flash memory / RAM size (bytes)
Pin count
64K / 20K
256K / 64K
128K / 48K
73-pin UFBGA
(0.5 mm pitch)
48-pin UFQFPN
(0.5 mm pitch)
Legend:
Dual-core
Single-core
STM32WLE5CC
STM32WLE5JC
STM32WLE4CC
STM32WLE4JC
STM32WLE5CB
STM32WLE5JB
STM32WLE5C8
STM32WLE5J8
STM32WL55CC
STM32WL54CC
STM32WL55JC
STM32WL54JC
STM32WLE5/55
all modulations
available
STM32WLE4/54
all modulations
available except
LoRa
Notes:
Embedded software
MULTIMEDIA
• Online Training WL:
www.st.com/stm32wl-online-training
• Wireless YouTube Playlist:
www.st.com/long-range-stm32w
• STM32WL blog articles:
www.blog.st com
Available from STM32CubeWL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com